Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 67 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD6674 Datasheet HTML 63Page - Analog Devices AD6674 Datasheet HTML 64Page - Analog Devices AD6674 Datasheet HTML 65Page - Analog Devices AD6674 Datasheet HTML 66Page - Analog Devices AD6674 Datasheet HTML 67Page - Analog Devices AD6674 Datasheet HTML 68Page - Analog Devices AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
Data Sheet
AD6674
DDC 0
I
CONVERTER 0
Q
CONVERTER 1
REAL/I
DDC 1
I
CONVERTER 2
Q
CONVERTER 3
REAL/Q
DDC 2
I
CONVERTER 4
Q
CONVERTER 5
REAL/I
DDC 3
I
CONVERTER 6
Q
CONVERTER 7
REAL/Q
I/Q
CROSSBAR
MUX
ADC A
SAMPLING
AT
fS
REAL
ADC B
SAMPLING
AT
fS
REAL
SYNCHRONIZATION
CONTROL CIRCUITS
SYSREF±
L JESD204B
LANES UP TO
10Gbps
L
JESD204B
LANES
AT UP TO
10Gbps
Figure 137. Two-ADC + Four-DDC Mode
NSR
(21% OR 28%
BANDWIDTH)
NSR
(21% OR 28%
BANDWIDTH)
FAST
DETECTION
FAST
DETECTION
CMOS
CMOS
CONVERTER 0
AT 500MSPS
CONVERTER 1
AT 500MSPS
REAL
2 TO 4
LANES
AT UP TO
10Gbps
AD6674
14-BIT CORE
AT 500MSPS
AD6674
14-BIT CORE
AT 500MSPS
REAL
Figure 138. Two-ADC + NSR Mode
Rev. B | Page 67 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com