Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 57 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD6674 Datasheet HTML 53Page - Analog Devices AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Data Sheet
AD6674
VDR REAL MODE
The real mode of VDR works over a bandwidth of 25% of the
sample rate (50% of the Nyquist band). The output bandwidth
of the AD6674 can be 25% only when operating in real mode.
Figure 117 shows the frequency zones for the 25% bandwidth
real output VDR mode tuned to a center frequency (fVDR) of fS/4
(tuning word = 0x04). The frequency zones where the
amplitude may not exceed −30 dBFS are the upper and lower
portions of the Nyquist band signified by the red shaded areas.
dBFS
–30
0
1/8
fS
3/8
fS
1/2
fS
Figure 117. 25% VDR Bandwidth, Real Mode
The center frequency (fVDR) of the VDR function can be tuned
within the Nyquist band from 1/8 fS to 3/8 fS in 1/16 fS steps. In
real mode, Tuning Word 2 (0x02) through Tuning Word 6
(0x06) are valid. Table 27 shows the relative frequency values,
and Table 28 shows the absolute frequency values based on a
sample rate of 737.28 MSPS.
Table 27. VDR Tuning Words and Relative Frequency
Values, 25% BW, Real Mode
Tuning
Word
Lower Band
Edge
Center
Frequency
Upper Band
Edge
2 (0x02)
0
1/8 fS
1/4 fS
3 (0x03)
1/16 fS
3/16 fS
5/16 fS
4 (0x04)
1/8 fS
1/4 fS
3/8 fS
5 (0x05)
3/16 fS
5/16 fS
7/16 fS
6 (0x06)
1/4 fS
3/8 fS
1/2 fS
Table 28. VDR Tuning Words and Absolute Frequency
Values, 25% BW, Real Mode with fS = 737.28 MSPS
Tuning
Word
Lower Band
Edge (MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
2 (0x02)
0
92.16
184.32
3 (0x03)
46.08
138.24
230.40
4 (0x04)
92.16
184.32
276.48
5 (0x05)
138.24
230.40
322.56
6 (0x06)
184.32
276.48
368.64
VDR COMPLEX MODE
The complex mode of VDR works with selectable bandwidths
of 25% of the sample rate (50% of the Nyquist band) and 43%
of the sample rate (86% of the Nyquist band). Figure 118 and
Figure 119 show the frequency zones for VDR in the complex
mode. When operating VDR in complex mode, place I input
signal data on Channel A and place Q input signal data on
Channel B.
Figure 118 shows the frequency zones for the 25% bandwidth
VDR mode with a center frequency of fS/4 (tuning word =
0x04). The frequency zones where the amplitude may not
exceed –30 dBFS are the upper and lower portions of the
Nyquist band extending into the complex domain.
–30
dBFS
1/8
fS
3/8
fS
1/2
fS
–1/2
fS
0
Figure 118. 25% VDR Bandwidth, Complex Mode
The center frequency (fVDR) of the VDR function can be tuned
within the Nyquist band from 0 to 15/16 fS in 1/16 fS steps. In
complex mode, Tuning Word 0 (0x00) through Tuning Word 15
(0x0F) are valid. Table 29 and Table 30 show the tuning words
and frequency values for the 25% complex mode. Table 29 shows
the relative frequency values, and Table 30 shows the absolute
frequency values based on a sample rate of 737.28 MSPS.
Table 29. VDR Tuning Words and Relative Frequency
Values, 25% BW, Complex Mode
Tuning Word
Lower
Band Edge
Center
Frequency
Upper Band
Edge
0 (0x00)
–1/8 fS
0
1/8 fS
1 (0x01)
–1/16 fS
1/16 fS
3/16 fS
2 (0x02)
0
1/8 fS
1/4 fS
3 (0x03)
1/16 fS
3/16 fS
5/16 fS
4 (0x04)
1/8 fS
1/4 fS
3/8 fS
5 (0x05)
3/16 fS
5/16 fS
7/16 fS
6 (0x06)
1/4 fS
3/8 fS
1/2 fS
7 (0x07)
5/16 fS
7/16 fS
9/16 fS
8 (0x08)
3/8 fS
1/2 fS
5/8 fS
9 (0x09)
7/16 fS
9/16 fS
11/16 fS
10 (0x0A)
1/2 fS
5/8 fS
3/4 fS
11 (0x0B)
9/16 fS
11/16 fS
13/16 fS
12 (0x0C)
5/8 fS
3/4 fS
7/8 fS
13 (0x0D)
11/16 fS
13/16 fS
15/16 fS
14 (0x0E)
3/4 fS
7/8 fS
fS
15 (0x0F)
13/16 fS
15/16 fS
17/16 fS
Rev. B | Page 57 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com