Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6674 Datasheet HTML 19Page - Analog Devices AD6674 Datasheet HTML 20Page - Analog Devices AD6674 Datasheet HTML 21Page - Analog Devices AD6674 Datasheet HTML 22Page - Analog Devices AD6674 Datasheet HTML 23Page - Analog Devices AD6674 Datasheet HTML 24Page - Analog Devices AD6674 Datasheet HTML 25Page - Analog Devices AD6674 Datasheet HTML 26Page - Analog Devices AD6674 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Data Sheet
AD6674
EQUIVALENT CIRCUITS
AIN
CONTROL
(SPI)
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
AVDD3
AVDD3
1.5pF
3pF
1.5pF
3pF
Figure 60. Analog Inputs
CLK+
CLK–
AVDD1
25Ω
AVDD1
25Ω
20kΩ
20kΩ
VCM = 0.85V
Figure 61. Clock Inputs
SYSREF+
AVDD1_SR
1kΩ
SYSREF–
AVDD1_SR
1kΩ
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
Figure 62. SYSREF± Inputs
DRVDD
DRGND
DRVDD
DRGND
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
DATA+
DATA–
SERDOUTx+
x = 0, 1, 2, 3
SERDOUTx–
x = 0, 1, 2, 3
Figure 63. Digital Outputs
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
SYNCINB± PIN
CONTROL (SPI)
SYNCINB+
DVDD
1kΩ
DGND
SYNCINB–
DVDD
1kΩ
DGND
VCM
Figure 64. SYNCINB± Inputs
30kΩ
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SCLK
Figure 65. SCLK Inputs
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
CSB
Figure 66. CSB Input
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SPIVDD
SDI
SDIO
SDO
Figure 67. SDIO
Rev. B | Page 23 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com