Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6674 Datasheet HTML 40Page - Analog Devices AD6674 Datasheet HTML 41Page - Analog Devices AD6674 Datasheet HTML 42Page - Analog Devices AD6674 Datasheet HTML 43Page - Analog Devices AD6674 Datasheet HTML 44Page - Analog Devices AD6674 Datasheet HTML 45Page - Analog Devices AD6674 Datasheet HTML 46Page - Analog Devices AD6674 Datasheet HTML 47Page - Analog Devices AD6674 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
AD6674
Data Sheet
NCO FREQUENCY TUNING WORD (FTW) SELECTION
12-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 4096
QUADRATURE ANALOG MIXER +
2 ADCs + QUADRATURE DIGITAL
MIXER + NCO
COMPLEX INPUT—SAMPLED AT
fS
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
–
fS/32
fS/32
DC
DC
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
BANDWIDTH OF
INTEREST
POSITIVE FTW VALUES
IMAGE DUE TO
ANALOG I/Q
MISMATCH
REAL
I
Q
QUADRATURE MIXER
I
Q
I
–
+
Q
Q
I
Q
+
+
Q
I
I
COMPLEX
I
Q
ADC
SAMPLING
AT
fS
ADC
SAMPLING
AT
fS
90°
PHASE
12-BIT
NCO
90°
0°
Figure 102. DDC NCO Frequency Tuning Word Selection—Complex Inputs
DDC NCO + MIXER LOSS AND SFDR
When mixing a real input signal down to baseband, 6 dB of loss
is introduced in the signal due to filtering of the negative image.
An additional 0.05 dB of loss is introduced by the NCO. The
total loss of a real input signal mixed down to baseband is
6.05 dB. For this reason, it is recommended that the user
compensate for this loss by enabling the 6 dB of gain in the gain
stage of the DDC to recenter the dynamic range of the signal
within the full scale of the output bits.
When mixing a complex input signal down to baseband, the
maximum value each I/Q sample can reach is 1.414 × full scale
after it passes through the complex mixer. To avoid overrange of
the I/Q samples and to keep the data bit-widths aligned with
real mixing, 3.06 dB of loss is introduced in the mixer for
complex signals. An additional 0.05 dB of loss is introduced by
the NCO. The total loss of a complex input signal mixed down
to baseband is −3.11 dB.
The worst case spurious signal from the NCO is greater than
102 dBc SFDR for all output frequencies.
NUMERICALLY CONTROLLED OSCILLATOR
The AD6674 has a 12-bit NCO for each DDC that enables the
frequency translation process. The NCO allows the input
spectrum to be tuned to dc, where it can be effectively filtered
by the subsequent filter blocks to prevent aliasing. The NCO
can be set up by providing a frequency tuning word (FTW) and
a phase offset word (POW).
Setting Up the NCO FTW and POW
The NCO frequency value is given by the 12-bit twos
complement number entered in the NCO FTW. Frequencies
between −fS/2 and +fS/2 (fS/2 excluded) are represented using
the following frequency words:
•
0x800 represents a frequency of −fS/2.
•
0x000 represents dc (frequency is 0 Hz).
•
0x7FF represents a frequency of +fS/2 − fS/212.
The NCO frequency tuning word can be calculated using the
following equation:
(
)


=
S
S
C
f
f
f
FTW
NCO
,
mod
2
round
_
12
where:
NCO_FTW is a 12-bit twos complement number representing
the NCO FTW.
fC is the desired carrier frequency in Hz.
fS is the AD6674 sampling frequency (clock rate) in Hz.
mod( ) is a remainder function. For example, mod(110,100) =
10 and for negative numbers, mod(–32,10) = −2.
round( ) is a rounding function. For example, round(3.6) = 4
and for negative numbers, round(–3.4) = −3.
Note that this equation applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).
Rev. B | Page 44 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com