Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6674 Datasheet HTML 26Page - Analog Devices AD6674 Datasheet HTML 27Page - Analog Devices AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
AD6674
Data Sheet
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD6674 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD6674. This internal 1.0 V reference sets the full-scale input
range of the ADC. The full-scale input range can be adjusted via
Register 0x025. For more information on adjusting the input
swing, see Table 45. Figure 84 shows the block diagram of the
internal 1.0 V reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
V_1P0 PIN
CONTROL SPI
REGISTER
(0x025 AND
0x024)
V_1P0
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
V_1P0
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x025 AND 0x024)
Figure 84. Internal Reference Configuration and Controls
Register 0x024 enables the user to either use this internal 1.0 V
reference or to provide an external 1.0 V reference. When using
an external voltage reference, provide a 1.0 V reference. The
full-scale adjustment is made using the SPI, irrespective of the
reference voltage. For more information on adjusting the full-
scale level of the AD6674, refer to the Memory Map Register
Table section.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or
improve thermal drift characteristics. Figure 85 shows the
typical drift characteristics of the internal 1.0 V reference.
–50
0
25
90
TEMPERATURE (°C)
0.9998
0.9999
1.0000
1.0001
1.0002
1.0003
1.0004
1.0005
1.0006
1.0007
1.0008
1.0009
1.0010
Figure 85. Typical V_1P0 Drift
The external reference must be a stable 1.0 V reference. The
ADR130 is a good option for providing the 1.0 V reference.
Figure 86 shows how the ADR130 can be used to provide the
external 1.0 V reference to the AD6674. The grayed out areas
show unused blocks within the AD6674 while the ADR130
provides the external reference.
FULL-SCALE
VOLTAGE
ADJUST
V_1P0
0.1µF
VOUT 4
SET
5
NC
6
VIN
3
GND
2
NC
1
ADR130
0.1µF
INPUT
FULL-SCALE
CONTROL
INTERNAL
V_1P0
GENERATOR
Figure 86. External Reference Using the ADR130
Rev. B | Page 30 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com