Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 100Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 101Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 102Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 103Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 104Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 105Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 106Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 107Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
104
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3584
(0E00h)
FX_Ctrl
15:12
FX_RATE [3:0]
0000
FX Sample Rate (EQ, LHPF, DRC)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
When the DRC is enabled, the maximum
FX_RATE sample rate is 96kHz.
R4352
(1100h)
DSP1
Control 1
15:12
DSP1_RATE [3:0]
0000
DSP1 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
Table 21 Digital Core Sample Rate Control
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC)
The WM5102 supports multiple signal paths through the digital core. Two independent clock domains
are supported, referenced to SYSCLK and ASYNCCLK respectively, as described in “Clocking and
Sample Rates”. Every digital signal path must be synchronised either to SYSCLK or to ASYNCCLK.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the
SYSCLK and ASYNCCLK domains, as illustrated in Figure 40.
The sample rate on the SYSCLK domain is selected using the ASRC_RATE1 register - the rate can
be set equal to SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
The sample rate on the ASYNCCLK domain is selected using the ASRC_RATE2 register - the rate
can be set equal to ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
The ASRC supports sample rates in the range 8kHz to 48kHz only. The applicable SAMPLE_RATE_n
and ASYNC_SAMPLE_RATE_n registers must each select sample rates between 8kHz and 48kHz
when any ASRC path is enabled.
The ASRC1 Left and ASRC1 Right paths convert from the SYSCLK domain to the ASYNCCLK
domain. These paths are enabled using the ASRC1L_ENA and ASRC1R_ENA register bits
respectively.
The ASRC2 Left and ASRC2 Right paths convert from the ASYNCCLK domain to the SYSCLK
domain. These paths are enabled using the ASRC2L_ENA and ASRC2R_ENA register bits
respectively.
Synchronisation (lock) between different clock domains is not instantaneous when the clocking or
sample rate configurations are updated. The lock status of each ASRC path is an input to the Interrupt
control circuit and can be used to trigger an Interrupt event - see “Interrupts”.
The ASRC Lock status of each ASRC path can be output directly on a GPIO pin as an external
indication of ASRC Lock. See “General Purpose Input / Output” to configure a GPIO pin for this
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com