Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 103Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 104Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 105Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 106Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 107Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 108Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 109Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 110Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
107
ISOCHRONOUS SAMPLE RATE CONVERTER (ISRC)
The WM5102 supports multiple signal paths through the digital core. The Isochronous Sample Rate
Converters (ISRCs) provide sample rate conversion between synchronised sample rates on the
SYSCLK clock domain, or between synchronised sample rates on the ASYNCCLK clock domain.
There are two Isochronous Sample Rate Converters (ISRCs). Each of these provides two signal paths
between two different sample rates, as illustrated in Figure 41.
The sample rates associated with each ISRC can be set independently. Note that the two sample
rates associated with any single ISRC must both be referenced to the same clock domain (SYSCLK or
ASYNCCLK).
When an ISRC is used on the SYSCLK domain, then the associated sample rates may be selected
from SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
When an ISRC is used on the ASYNCCLK domain, then the associated sample rates are
ASYNC_SAMPLE_RATE_1 and ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
Each ISRC supports sample rates in the range 8kHz to 192kHz. The higher of the sample rates
associated with each ISRC must be an integer multiple of the lower sample rate; integer ratios in the
range 1 to 6 are supported.
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by
ISRCn_FSH, (where ‘n’ identifies the applicable ISRC 1 or 2). Note that, in each case, the higher of
the two sample rates must be selected by ISRCn_FSH.
The ISRCn ‘interpolation’ paths (increasing sample rate) are enabled using the ISRCn_INT1_ENA
and ISRCn_INT2_ENA register bits.
The ISRCn ‘decimation’ paths (decreasing sample rate) are enabled using the ISRCn_DEC1_ENA
and ISRCn_DEC2_ENA register bits.
A notch filter is provided in each of the ISRC paths; these are enabled using the ISRCn_NOTCH_ENA
bits. The filter is configured automatically according to the applicable sample rate(s). It is
recommended to enable the filter for typical applications. Disabling the filter will provide maximum
‘pass’ bandwidth, at the expense of degraded stopband attenuation.
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded ISRC and digital mixing functions. If an attempt is made to enable an ISRC
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The Isochronous Sample Rate Converter (ISRC) signal paths and control registers are illustrated in
Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com