Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 106Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 107Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 108Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 109Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 110Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 111Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 112Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
110
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3827
(0EF3h)
ISRC 2
CTRL 1
14:11
ISRC2_FSH [3:0]
0000
ISRC2 High Sample Rate
(Sets the higher of the ISRC2 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC2_FSH and ISRC2_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
R3828
(0EF4h)
ISRC 2
CTRL 2
14:11
ISRC2_FSL [3:0]
0000
ISRC2 Low Sample Rate
(Sets the lower of the ISRC2 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC2_FSH and ISRC2_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
R3829
(0EF5h)
ISRC 2
CTRL 3
15
ISRC2_INT1_EN
A
0
ISRC2 INT1 Enable
(Interpolation Channel 1 path from
ISRC2_FSL rate to ISRC2_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC2_INT2_EN
A
0
ISRC2 INT2 Enable
(Interpolation Channel 2 path from
ISRC2_FSL rate to ISRC2_FSH rate)
0 = Disabled
1 = Enabled
9
ISRC2_DEC1_EN
A
0
ISRC2 DEC1 Enable
(Decimation Channel 1 path from
ISRC2_FSH rate to ISRC2_FSL rate)
0 = Disabled
1 = Enabled
8
ISRC2_DEC2_EN
A
0
ISRC2 DEC2 Enable
(Decimation Channel 2 path from
ISRC2_FSH rate to ISRC2_FSL rate)
0 = Disabled
1 = Enabled
0
ISRC2_NOTCH_
ENA
0
ISRC2 Notch Filter Enable
0 = Disabled
1 = Enabled
It is recommended to enable the notch
filter for typical applications.
Table 23 Digital Core ISRC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com