Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 110Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 111Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 112Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
114
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4368
(1110h)
to
R4375
(1117h)
15:0
DSP1_START_A
DDRESS_WDMA
_BUFFER_n
[15:0]
0000h
DSP1 WDMA Channel n Start Address
Bit [15] = Memory select
0 = X Data memory
1 = Y Data memory
Bits [14:0] = Address select
The address is defined relative to the base
address of the applicable data memory.
The LSB represents one 24-bit DSP
memory word.
R4384
(1120h)
to
R4389
(1125h)
15:0
DSP1_START_A
DDRESS_RDMA
_BUFFER_n
[15:0]
0000h
DSP1 RDMA Channel n Start Address
Bit [15] = Memory select
0 = X Data memory
1 = Y Data memory
Bits [14:0] = Address select
The address is defined relative to the base
address of the applicable data memory.
The LSB represents one 24-bit DSP
memory word.
R4400
(1130h)
DSP1
WDMA
Config 1
13:0
DSP1_WDMA_B
UFFER_LENGTH
[13:0]
0000h
DSP1 DMA Buffer Length
Selects the amount of data transferred in
each WDMA channel. The LSB represents
one 24-bit DSP memory word.
Note that this field must be set to 00h
when DSP1 is disabled.
R4401
(1131h)
DSP1
WDMA
Config 2
7:0
DSP1_WDMA_C
HANNEL_ENABL
E [7:0]
00h
DSP1 WDMA Channel Enable
There are 8 WDMA channels; each bit of
this field enables the respective WDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
Note that this field must be set to 00h
when DSP1 is disabled.
R4404
(1134h)
DSP1
RDMA
Config 1
5:0
DSP1_RDMA_C
HANNEL_ENABL
E [5:0]
00h
DSP1 RDMA Channel Enable
There are 6 RDMA channels; each bit of
this field enables the respective RDMA
channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
Note that this field must be set to 00h
when DSP1 is disabled.
Table 27 DSP Direct Memory Access (DMA) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com