Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 119Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 120Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 121Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
118
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK. Right channel data immediately follows left channel data.
Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles
between the LSB of the right channel data and the next sample.
In master mode, the LRCLK output will resemble the frame pulse shown in Figure 45 and Figure 46. In
slave mode, it is possible to use any length of frame pulse less than 1/fs, providing the falling edge of
the frame pulse occurs at least one BCLK period before the rising edge of the next frame pulse.
Figure 45 DSP Mode A Data Format
Figure 46 DSP Mode B Data Format
PCM operation is supported in DSP interface mode. WM5102 data that is output on the Left Channel
will be read as mono PCM data by the receiving equipment. Mono PCM data received by the WM5102
will be treated as Left Channel data. This data may be routed to the Left/Right playback paths using
the control fields described in the “Digital Core” section.
In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
Figure 47 I2S Data Format (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com