Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 119Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 120Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 121Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 122Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 123Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 124Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
121
Figure 51 shows an example of I2S format. Four enabled channels are shown, allocated to timeslots 0
through to 3.
Figure 51 I2S Example
Figure 52 shows an example of Left Justified format. Six enabled channels are shown.
Figure 52 Left Justifed Example
TDM OPERATION BETWEEN THREE OR MORE DEVICES
The AIF operation described above illustrates how multiple audio channels can be interleaved on a
single TXDAT or RXDAT pin. The interface uses Time Division Multiplexing (TDM) to allocate time
periods to each of the audio channels in turn.
This form of TDM is implemented between two devices, using the electrical connections illustrated in
Figure 43 or Figure 44.
It is also possible to implement TDM between three or more devices. This allows one CODEC to
receive audio data from two other devices simultaneously on a single audio interface, as illustrated in
Figure 53, Figure 54 and Figure 55.
The WM5102 provides full support for TDM operation. The TXDAT pin can be tri-stated when not
transmitting data, in order to allow other devices to transmit on the same wire. The behaviour of the
TXDAT pin is configurable, to allow maximum flexibility to interface with other devices in this way.
Typical configurations of TDM operation between three devices are illustrated in Figure 53, Figure 54
and Figure 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com