Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 119Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 120Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
117
Four different audio data formats are supported by the digital audio interface:
DSP mode A
DSP mode B
I2S
Left Justified
The Left Justified and DSP-B modes are valid in Master mode only (ie. BCLK and LRCLK are outputs
from the WM5102). These modes cannot be supported in Slave mode.
All four of these modes are MSB first. Data words are encoded in 2’s complement format. Each of the
audio interface modes is described in the following sections. Refer to the “Signal Timing
Requirements” section for timing information.
Two variants of DSP mode are supported - ‘Mode A’ and ‘Mode B’. Mono PCM operation can be
supported using the DSP modes.
MASTER AND SLAVE MODE OPERATION
The WM5102 digital audio interfaces can operate as a master or slave as shown in Figure 43 and
Figure 44. The associated control bits are described in “Digital Audio Interface Control”.
Figure 43 Master Mode
Figure 44 Slave Mode
AUDIO DATA FORMATS
The WM5102 digital audio interfaces can be configured to operate in I2S, Left-Justified, DSP-A or
DSP-B interface modes. Note that Left-Justified and DSP-B modes are valid in Master mode only (ie.
BCLK and LRCLK are outputs from the WM5102).
The digital audio interfaces also provide flexibility to support multiple ‘slots’ of audio data within each
LRCLK frame. This flexibility allows multiple audio channels to be supported within a single LRCLK
frame.
The data formats described in this section are generic descriptions, assuming only one stereo pair of
audio samples per LRCLK frame. In these cases, the AIF is configured to transmit (or receive) in the
first available position in each frame (ie. the Slot 0 position).
The options for multi-channel operation are described in the following section (“AIF Timeslot
Configuration”).
The audio data modes supported by the WM5102 are described below. Note that the polarity of the
BCLK and LRCLK signals can be inverted if required; the following descriptions all assume the
default, non-inverted polarity of these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com