Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 112Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 119Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
116
DIGITAL AUDIO INTERFACE
The WM5102 provides three audio interfaces, AIF1, AFI2 and AIF3. Each of these is independently
configurable on the respective transmit (TX) and receive (RX) paths. AIF1 supports up to 8 channels
of input and output signal paths; AIF2 and AIF3 each support up to 2 channels of input and output
signal paths.
The data source(s) for the audio interface transmit (TX) paths can be selected from any of the
WM5102 input signal paths, or from the digital core processing functions. The audio interface receive
(RX) paths can be selected as inputs to any of the digital core processing functions or digital core
outputs. See “Digital Core” for details of the digital core routing options.
The digital audio interfaces provide flexible connectivity for multiple processors and other audio
devices. Typical connections include Applications Processor, Baseband Processor and Wireless
Transceiver. Note that the SLIMbus interface also provides digital audio input/output paths, providing
options for additional interfaces. A typical configuration is illustrated in Figure 42.
The audio interfaces AIF1, AIF2 and AIF3 are referenced to DBVDD1, DBVDD2 and DBVDD3
respectively, allowing the WM5102 to connect between application sub-systems on different voltage
domains.
Figure 42 Typical AIF Connections
In the general case, the digital audio interface uses four pins:
TXDAT: Data output
RXDAT: Data input
BCLK: Bit clock, for synchronisation
LRCLK: Left/Right data alignment clock
In master interface mode, the clock signals BCLK and LRCLK are outputs from the WM5102. In slave
mode, these signals are inputs, as illustrated below.
As an option, a GPIO pin can be configured as TXLRCLK, ie. the Left/Right clock for the TXDAT
output. In this case, the LRCLK pin is dedicated to the RXDAT input, allowing the two sides to be
clocked independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com