Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 108Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 109Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 110Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 111Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 112Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
112
only be set to ‘1’ when the applicable DCVDD condition is satisfied, as described in Table 97.
The clock source for the DSP block is enabled using DSP1_SYS_ENA. The clock must be enabled
before (or simultaneous to) enabling the DSP Core or DMA channels. The clock must be disabled
after (or simultaneous to) disabling the DSP Core and DMA channels.
The DSP Memory must be enabled for any functionality of the DSP, including any register read/write
operations associated with DSP firmware loading. The DSP Memory is controlled using
DSP1_MEM_ENA; this bit is enabled by default.
The DSP1_RAM_RDY status bits indicate when the DSP firmware memory registers are ready for
read/write access. The DSP memory should not be accessed until this bit has been set.
The DSP RAM Ready flags are inputs to the Interrupt control circuit and can be used to trigger an
interrupt event - see “Interrupts”.
The DSP RAM Ready flags can be output directly on a GPIO pin as an external indication of the DSP
RAM Status. See “General Purpose Input / Output” to configure a GPIO pin for this function.
The DSP memory contents are retained during Hardware Reset and Software Reset, provided
DCVDD is held above its reset threshold. The DSP memory contents are cleared in Sleep mode, or if
DCVDD falls below its Reset threshold. See the “Applications Information” section for a summary of
the WM5102 memory reset conditions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4352
(1100h)
DSP1
Control 1
4
DSP1_MEM_EN
A
1
DSP1 Memory Control
0 = Disabled
1 = Enabled
The DSP1 Memory Control must be
enabled for DSP1 firmware register
access and also for firmware execution.
2
DSP1_SYS_ENA
0
DSP1 Clock Enable
0 = Disabled
1 = Enabled
The DSP1 Clock must be enabled for
DSP1 firmware register access, code
execution, or DMA operation.
The DSP1 Core must be reset
(DSP1_CORE_ENA=0), and all DMA
channels disabled, when disabling the
DSP1 Clock.
R4353
(1101h)
DSP1
Clocking 1
2:0
DSP1_CLK_SEL
[2:0]
000
DSP1 Clock Frequency Select
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
The DSP1 Clock must be less than or
equal to the SYSCLK frequency.
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).
R4356
(1104h)
DSP1
Status 1
0
DSP1_RAM_RDY
0
DSP1 Memory Status
0 = Not ready
1 = Ready
Note - DSP1 memory should not be
accessed until this bit has been set.
Table 25 DSP Clocking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com