Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 111Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 112Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 113Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 114Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 115Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 116Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 117Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 118Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
115
DSP DEBUG SUPPORT
General purpose ‘scratch’ registers are provided for the DSP. These have no assigned function, and
can be used to assist in algorithm development.
The JTAG interface provides test and debug access to the WM5102, as described in the “JTAG
Interface” section. The JTAG interface clock is enabled using the DSP1_DBG_CLK_ENA register bit.
When using the JTAG interface to access the DSP core, the DSP1_DBG_CLK_ENA,
DSP1_SYS_ENA, and DSP1_CORE_ENA bits must all be set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4352
(1100h)
DSP1
Control 1
3
DSP1_DBG_CLK
_ENA
0
DSP1 Debug Clock Enable
0 = Disabled
1 = Enabled
R4416
(1140h)
DSP1
Scratch 0
15:0
DSP1_SCRATCH
_0 [15:0]
0000h
DSP1 Scratch Register 0
R4417
(1141h)
DSP1
Scratch 1
15:0
DSP1_SCRATCH
_1 [15:0]
0000h
DSP1 Scratch Register 1
R4418
(1142h)
DSP1
Scratch 2
15:0
DSP1_SCRATCH
_2 [15:0]
0000h
DSP1 Scratch Register 2
R4419
(1143h)
DSP1
Scratch 3
15:0
DSP1_SCRATCH
_3 [15:0]
0000h
DSP1 Scratch Register 3
Table 28 DSP Debug Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com