Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 101Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 102Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 103Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 104Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 105Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 106Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 107Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 108Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
105
The WM5102 performs automatic checks to confirm that the SYSCLK or ASYNCCLK frequency is
high enough to support the commanded ASRC and digital mixing functions. If an attempt is made to
enable an ASRC signal path, and there are insufficient SYSCLK or ASYNCCLK cycles to support it,
then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be
affected under these circumstances.)
The Underclocked Error can be monitored using the GPIO and/or Interrupt functions. See “General
Purpose Input / Output” and “Interrupts” for further details.
The status bits in Register R3809 indicate the status of each of the ASRC signal paths. If an
Underclocked Error condition occurs, then these bits provide readback of which ASRC signal path(s)
have been successfully enabled.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The Asynchronous Sample Rate Converter (ASRC) signal paths and control registers are illustrated in
Figure 40.
ASRC1R_ENA
ASRC1L_ENA
ASRC1L_SRC
ASRC1R_SRC
ASRC1 Left (90h)
ASRC1 Right (91h)
ASRC2R_ENA
ASRC2L_ENA
ASRC2L_SRC
ASRC2R_SRC
ASRC2 Left (92h)
ASRC2 Right (93h)
ASRC_RATE1
(= SAMPLE_RATE_n)
ASRC_RATE2
(= ASYNC_SAMPLE_RATE_n)
The ASRC provides asynchronous conversion between the SYSCLK and ASYNCCLK CLOCK domains.
ASRC_RATE1 identifies the SYSCLK-related sample rate (SAMPLE_RATE_n).
ASRC_RATE2 identifies the ASYNCCLK-related sample rate (ASYNC_SAMPLE_RATE_n).
Figure 40 Asynchronous Sample Rate Converters (ASRCs)
The ASRC1 and ASRC2 input control registers (see Figure 40) are located at register addresses
R2688 (A80h) through to R2712 (A98h).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective ASRC processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the ASRC to which they
are connected.
The bracketed numbers in Figure 40, eg. “(90h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The register bits associated with the ASRCs are described in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com