Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 131Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 132Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 133Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 134Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 135Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 136Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 137Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 138Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
135
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1362
(0552h)
AIF2
Frame Ctrl
12
5:0
AIF2RX2_SLOT
[5:0]
1h
AIF2 RX Channel 2 Slot position
Defines the RX timeslot position of the
Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
Table 39 AIF2 Digital Audio Data Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1412
(0584h)
AIF3
Format
2:0
AIF3_FMT [2:0]
000
AIF3 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left Justified mode
Other codes are Reserved
R1415
(0587h)
AIF3
Frame Ctrl
1
13:8
AIF3TX_WL [5:0]
18h
AIF3 TX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF3TX_SLOT_L
EN [7:0]
18h
AIF3 TX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1416
(0588h)
AIF3
Frame Ctrl
2
13:8
AIF3RX_WL [5:0]
18h
AIF3 RX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF3RX_SLOT_L
EN [7:0]
18h
AIF3 RX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1417
(0589h)
AIF3
Frame Ctrl
3
5:0
AIF3TX1_SLOT
[5:0]
0h
AIF3 TX Channel 1 Slot position
Defines the TX timeslot position of the
Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1418
(058Ah)
AIF3
Frame Ctrl
4
5:0
AIF3TX2_SLOT
[5:0]
1h
AIF3 TX Channel 2 Slot position
Defines the TX timeslot position of the
Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
R1425
(0591h)
AIF3
Frame Ctrl
11
5:0
AIF3RX1_SLOT
[5:0]
0h
AIF3 RX Channel 1 Slot position
Defines the RX timeslot position of the
Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1426
(0592h)
AIF3
Frame Ctrl
12
5:0
AIF3RX2_SLOT
[5:0]
1h
AIF3 RX Channel 2 Slot position
Defines the RX timeslot position of the
Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
Table 40 AIF3 Digital Audio Data Control
The WM5102 performs automatic checks to confirm that each AIF is configured with valid settings.
Invalid settings include conditions where one or more audio channel timeslots are in conflict.
If an AIF1 configuration error, AIF2 configuration error or AIF3 configuration error is detected, this can
be indicated using the GPIO and/or Interrupt functions. See “General Purpose Input / Output” and
“Interrupts” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com