Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 128Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 129Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 130Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 131Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 132Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 133Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 134Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 135Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
132
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1408
(0580h)
AIF3
BCLK Ctrl
4:0
AIF3_BCLK_FRE
Q [4:0]
01100
AIF3BCLK Rate
00000 = Reserved
00001 = Reserved
00010 = 64kHz (58.8kHz)
00011 = 96kHz (88.2kHz)
00100 = 128kHz (117.6kHz)
00101 = 192kHz (176.4kHz)
00110 = 256kHz (235.2kHz)
00111 = 384kHz (352.8kHz)
01000 = 512kHz (470.4kHz)
01001 = 768kHz (705.6kHz)
01010 = 1.024MHz (940.8kHz)
01011 = 1.536MHz (1.4112MHz)
01100 = 2.048MHz (1.8816MHz)
01101 = 3.072MHz (2.8824MHz)
01110 = 4.096MHz (3.7632MHz)
01111 = 6.144MHz (5.6448MHz)
10000 = 8.192MHz (7.5264MHz)
10001 = 12.288MHz (11.2896MHz)
The frequencies in brackets apply for
44.1kHz-related sample rates only.
If AIF3_RATE<1000, then AIF3 is
referenced to SYSCLK and the 44.1kHz-
related frequencies apply if
SAMPLE_RATE_n = 01XXX.
If AIF3_RATE>=1000, then AIF3 is
referenced to ASYNCCLK and the
44.1kHz-related frequencies apply if
ASYNC_SAMPLE_RATE_n = 01XXX.
The AIF3BCLK rate must be less than or
equal to SYSCLK/2, or ASYNCCLK/2, as
applicable.
R1413
(0585h)
AIF3 Tx
BCLK
Rate
12:0
AIF3TX_BCPF
[12:0]
0040h
AIF3TXLRCLK Rate
This register selects the number of BCLK
cycles per AIF3TXLRCLK frame.
AIF3TXLRCLK clock = AIF3BCLK /
AIF3TX_BCPF
Integer (LSB = 1), Valid from 8..8191
R1414
(0586h)
AIF3 Rx
BCLK
Rate
12:0
AIF3RX_BCPF
[12:0]
0040h
AIF3RXLRCLK Rate
This register selects the number of BCLK
cycles per AIF3RXLRCLK frame.
AIF3RXLRCLK clock = AIF3BCLK /
AIF3RX_BCPF
Integer (LSB = 1), Valid from 8..8191
Table 37 AIF3 BCLK and LRCLK Control
The WM5102 performs automatic checks to confirm that each AIF is configured with valid settings.
Invalid settings include conditions where one or more audio channel timeslots are in conflict.
If an AIF1 configuration error, AIF2 configuration error or AIF3 configuration error is detected, this can
be indicated using the GPIO and/or Interrupt functions. See “General Purpose Input / Output” and
“Interrupts” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com