Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 137Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 138Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 139Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 140Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 141Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 142Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 143Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 144Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
141
In some applications, the allocated SLIMbus bandwidth must be greater than the data rate, to ensure
that samples are not dropped as a result of clock drift etc. The SLIMbus bandwidth should only be set
equal to the data rate if the data source is frequency-locked to the SLIMbus CLK (ie. the data source
is synchronised to the SLIMbus Framer device).
SLIMBUS CONTROL SEQUENCES
This section describes the messages and general protocol associated with most aspects of the
SLIMbus system.
Note that the SLIMbus specification permits some flexibility in Core Message support for different
components. See “SLIMbus Interface Control” for details of which message(s) are supported on each
of the SLIMbus devices that are present on the WM5102.
DEVICE MANAGEMENT & CONFIGURATION
This section describes the SLIMbus messages associated with configuring all devices on the SLIMbus
interface.
When the SLIMbus interface starts up, it is required that one (and only one) of the components
provides the Manager and Framer Device functions. Other devices can request connection to the bus
after they have gained synchronisation.
The REPORT_PRESENT (DC, DCV) message may be issued by devices attempting to connect to the
bus. The payload of this message contains the Device Class (DC) and Device Class Version (DCV)
parameters, describing the type of device that is attempting to connect. This message may be issued
autonomously
by
the
connecting
device,
or
else
in
response
to
a
REQUEST_SELF_ANNOUNCEMENT message from the Manager Device.
After positively acknowledging the REPORT_PRESENT message, the Manager Device will then issue
the ASSIGN_LOGICAL_ADDRESS (LA) message to allow the other device to connect to the bus.
The payload of this message contains the Logical Address (LA) parameter only; this is the unique
address by which the connected device will send and receive SLIMbus messages. The device is then
said to be ‘enumerated’.
Once a device has been successfully connected to the bus, the Logical Address (LA) parameter can
be changed at any time using the CHANGE_LOGICAL_ADDRESS (LA) message.
The RESET_DEVICE message commands an individual SLIMbus device to perform its reset
procedure. As part of the reset, all associated ports will be reset, and any associated Data Channels
will be cancelled. Note that, if the RESET_DEVICE command is issued to an Interface Device, it will
cause a Component Reset (ie. all Devices within the associated component are reset). Under a
Component Reset, every associated Device will release its Logical Address, and the Component will
become disconnected from the bus.
INFORMATION MANAGEMENT
A memory map of Information Elements is defined for each Device. This is arranged in 3 x 1kByte
blocks, comprising Core Information elements, Device Class-specific Information elements, and User
Information elements respectively, as described in the MIPI specification. Note that the contents of the
User Information portion for each WM5102 SLIMbus Device are reserved.
Read/Write access is implemented using the messages described below. Specific elements within the
Information Map are identified using the Element Code (EC) parameter. In the case of Read access, a
unique Transaction ID (TID) is assigned to each message relating to a particular read/write request.
The REQUEST_INFORMATION (TID, EC) message is used to instruct a device to respond with the
indicated information. The payload of this message contains the Transaction ID (TID) and the Element
Code (EC)
.
The REQUEST_CLEAR_INFORMATION (TID, EC, CM) message is used to instruct a device to
respond with the indicated information, and also to clear all, or parts, of the same information slice.
The payload of this message contains the Transaction ID (TID), Element Code (EC), and Clear Mask
(CM)
. The Clear Mask field is used to select which element(s) are to be cleared as part of the
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com