Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 140 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 140 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 136Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 137Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 138Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 139Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 140Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 141Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 142Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 143Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 144Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
140
the first two Control space Slots within the first Frame of the bit stream, excluding the Framing
Information Slots. Note that the exact Slot allocation will depend upon the applicable Subframe mode.
The Message Channel is allocated all of the Control space not used by the Framing Information or the
Guide Channel. The Message Channel enables SLIMbus devices to communicate with each other,
using a priority-based mechanism defined in the MIPI specification.
Messages may be broadcast to all devices on the bus, or can be addressed to specific devices using
their allocated Logical Address (LA) or Enumeration Address (EA). Note that, device-specific
messages are directed to a particular device (ie. Manager, Framer, Interface or Generic) within a
component on the bus.
DATA SPACE
The Data space can be organised into a maximum of 256 Data Channels. Each Channel, identified by
a unique Channel Number (CN), is a stream of one or more contiguous Slots, organised in a
consistent data structure that repeats at a fixed interval.
A Data Channel is defined by its Segment Length (SL) (number of contiguous Slots allocated),
Segment Interval (spacing between the first Slots of successive Segments), and Segment Offset (the
Slot Number of the first allocated Slot within the Superframe). The Segment Interval and Segment
Offset are collectively defined by a Segment Distribution (SD), by which the SLIMbus Manager may
configure (or re-configure) any Data Channel.
Each Segment may comprise TAG, AUX and DATA portions. Any of these portions may be 0-length;
the exact composition depends on the Transport Protocol (TP) for the associated Channel (see
below). The DATA portion must be wide enough to accommodate one full word of the Data Channel
contents (data words cannot be spread across multiple segments).
The Segment Interval for each Data Channel represents the minimum spacing between consecutive
data samples for that Channel. (Note - the minimum spacing applies if every allocated segment is
populated with new data; in many cases, additional bandwidth is allocated, as described below, and
not every allocated segment is used.)
The Segment Interval gives rise to Segment Windows for each Data Channel, aligned to the start of
every Superframe. The Segment Window boundaries define the times within which each new data
sample must be buffered, ready for transmission - adherence to these fixed boundaries allows Slot
allocations to be moved within a Segment Window, without altering the signal latency. The Segment
Interval may be either shorter or longer than the Frame length, but there is always an integer number
of Segment Windows per Superframe.
The Transport Protocol (TP) defines the flow control or handshaking method used by the Ports
associated with a Data Channel. The applicable flow control mode(s) depend on the relationship
between the audio sample rate (flow rate) and the SLIMbus CLK frequency. If the two rates are
synchronised and integer-related, then no flow control is needed; in other cases, the flow may be
regulated by the use of a ‘Presence’ bit. The Presence bit can either be set by the source Device
(‘pushed’ protocol), or by the sink Device (‘pulled’ protocol).
The Data Channel structure is defined in terms of the Transport Protocol (TP), Segment Distribution
(SD)
, and the Segment Length (SL) parameters. Each of these is described above.
The Data Channel content definition includes a Presence Rate (PR) parameter (describing the
nominal sample rate for the audio channel) and a Frequency Locked (FL) bit (identifying whether the
data source is synchronised to the SLIMbus CLK). The Data Length (DL) parameter defines the size
of each data sample (number of Slots). The Auxiliary Bits Format (AF) and Data Type (DT)
parameters provide support for non-PCM encoded data channels; the Channel Link (CL) parameter is
an indicator that channel CN is related to the previous channel, CN-1.
For a given Root Frequency and Clock Gear, the Segment Length (SL) and Segment Distribution (SD)
parameters define the amount of SLIMbus bandwidth that is allocated to a given Data Channel. The
minimum bandwidth requirements of a Data Channel are represented by the Presence Rate (PR) and
Data Length (DL)
parameters. The allocated SLIMbus bandwidth must be equal to or greater than the
bandwidth of the data to be transferred.
The Segment Interval (see above), defines the repetition rate of the SLIMbus Slots allocated to
consecutive data samples for a given Data Channel. The Presence Rate (PR) is the nominal sample
rate of the audio path. The Segment Interval must be equal to or greater than the Presence Rate for a
given Data Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com