| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 144 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 144 Page - Wolfson Microelectronics plc |
|
144 / 334 page ![]() WM5102 Production Data w PD, June 2014, Rev 4.2 144 SLIMBUS INTERFACE CONTROL The WM5102 features a MIPI-compliant SLIMbus interface, providing 8 channels of audio input and 8 channels of audio output. Mixed audio sample rates are supported on the SLIMbus interface. The SLIMbus interface also supports read/write access to the WM5102 control registers. The SLIMbus interface on WM5102 comprises a Generic Device, Framer Device, and Interface Device. A maximum of 16 Ports can be configured, providing up to 8 input (RX) channels and up to 8 output (TX) channels. The audio paths associated with the SLIMbus interface are described in the “Digital Core” section. The SLIMbus interface supports read/write access to the WM5102 control registers, as described later in this section. The SLIMbus clocking rate and channel allocations are controlled by the Manager Device. The Message Channel and Data Channel bandwidth may be dynamically adjusted according to the application requirements. Note that the Manager Device functions are not implemented on the WM5102, and these bandwidth allocation requirements are outside the scope of this datasheet. SLIMBUS DEVICE PARAMETERS The SLIMbus interface on the WM5102 comprises three Devices. The Enumeration Address of each Device within the SLIMbus interface is derived from the parameters noted in Table 47. DESCRIPTION MANUFACTURER ID PRODUCT CODE DEVICE ID INSTANCE VALUE ENUMERATION ADDRESS Generic 0x012F 0x5102 0x00 0x00 012F_5102_0000 Framer 0x012F 0x5102 0x55 0x00 012F_5102_5500 Interface 0x012F 0x5102 0x7F 0x00 012F_5102_7F00 Table 47 SLIMbus Device Parameters SLIMBUS MESSAGE SUPPORT The SLIMbus interface on the WM5102 supports bus messages as noted in Table 48. Additional notes regarding SLIMbus message support are noted below, and also in Table 49. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |