| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc |
|
148 / 334 page ![]() WM5102 Production Data w PD, June 2014, Rev 4.2 148 SLIMBUS SIGNAL PATH ENABLE The SLIMbus interface supports up to 8 input (RX) channels and up to 8 output (TX) channels. Each of these channels can be enabled or disabled using the register bits defined in Table 51. Note that the SLIMbus audio channels can only be supported when the corresponding ports have been enabled by the Manager Device (ie. in addition to setting the respective enable bits). The status bits in Registers R1527 and R1528 indicate the status of each of the SLIMbus ports. The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The ASYNCCLK may also be required, depending on the path configuration. See “Clocking and Sample Rates” for details of the system clocks. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R1525 (05F5h) SLIMbus RX Channel Enable 7 SLIMRX8_ENA 0 SLIMbus RX Channel n Enable 0 = Disabled 1 = Enabled 6 SLIMRX7_ENA 0 5 SLIMRX6_ENA 0 4 SLIMRX5_ENA 0 3 SLIMRX4_ENA 0 2 SLIMRX3_ENA 0 1 SLIMRX2_ENA 0 0 SLIMRX1_ENA 0 R1526 (05F6h) SLIMbus TX Channel Enable 7 SLIMTX8_ENA 0 SLIMbus TX Channel n Enable 0 = Disabled 1 = Enabled 6 SLIMTX7_ENA 0 5 SLIMTX6_ENA 0 4 SLIMTX5_ENA 0 3 SLIMTX4_ENA 0 2 SLIMTX3_ENA 0 1 SLIMTX2_ENA 0 0 SLIMTX1_ENA 0 R1527 (05F7h) SLIMbus RX Port Status 7 SLIMRX8_PORT_STS 0 SLIMbus RX Channel n Port Status (Read only) 0 = Disabled 1 = Configured and active 6 SLIMRX7_PORT_STS 0 5 SLIMRX6_PORT_STS 0 4 SLIMRX5_PORT_STS 0 3 SLIMRX4_PORT_STS 0 2 SLIMRX3_PORT_STS 0 1 SLIMRX2_PORT_STS 0 0 SLIMRX1_PORT_STS 0 R1528 (05F8h) SLIMbus TX Port Status 7 SLIMTX8_PORT_STS 0 SLIMbus TX Channel n Port Status (Read only) 0 = Disabled 1 = Configured and active 6 SLIMTX7_PORT_STS 0 5 SLIMTX6_PORT_STS 0 4 SLIMTX5_PORT_STS 0 3 SLIMTX4_PORT_STS 0 2 SLIMTX3_PORT_STS 0 1 SLIMTX2_PORT_STS 0 0 SLIMTX1_PORT_STS 0 Table 51 SLIMbus Signal Path Enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |