Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 145Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 146Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 147Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 148Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 149Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 150Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 151Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 152Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
149
SLIMBUS CONTROL REGISTER ACCESS
Control register access is supported via the SLIMbus interface. Full read/write access to all registers
is possible, via the “User Value Elements” portion of the Value Map.
Register Write operations are implemented using the “CHANGE_VALUE” message. A maximum of
two messages may be required, depending on circumstances: the first “CHANGE_VALUE” message
selects the register page (bits [23:8] of the Control Register address); the second message contains
the data and bits [7:0] of the register address. The first message may be omitted if the register page is
unchanged from the previous Read or Write operation.
The associated parameters are described in Table 52 and Table 53, for the generic case of writing the
value 0xVVVV to control register address 0xYYYYZZ.
Write Message 1 – CHANGE_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM5102 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0x800
Identifies the User Value element for selecting the
Control Register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY
‘YYYY’ is bits [23:8] of the applicable Control
Register address.
Table 52 Register Write Message (1)
Write Message 2 – CHANGE_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM5102 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0xUUU
Specifies the Value Map address, calculated as
0xA00 + (2 x 0xZZ), where ‘ZZ’ is bits [7:0] of the
applicable Control Register address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xVVVV
‘VVVV’ is the 16-bit data to be written.
Table 53 Register Write Message (2)
Note that the first message may be omitted if its contents are unchanged from the previous
CHANGE_VALUE message sent to the WM5102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com