Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 146Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 147Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 148Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 149Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 150Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 151Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 152Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 153Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
150
Register Read operations are implemented using the “CHANGE_VALUE” and “REQUEST_VALUE”
messages. A maximum of two messages may be required, depending on circumstances: the
“CHANGE_VALUE” message selects the register page (bits [23:8] of the Control Register address);
the “REQUEST_VALUE” message contains bits [7:0] of the register address. The first message may
be omitted if the register page is unchanged from the previous Read or Write operation.
The associated parameters are described in Table 54 and Table 55, for the generic case of reading
the contents of control register address 0xYYYYZZ.
Read Message 1 – CHANGE_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM5102 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0x800
Identifies the User Value element for selecting the
Control Register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY
‘YYYY’ is bits [23:8] of the applicable Control
Register address.
Table 54 Register Read Message (1)
Read Message 2 – REQUEST_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM5102 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0xUUU
Specifies the Value Map address, calculated as
0xA00 + (2 x 0xZZ), where ‘ZZ’ is bits [7:0] of the
applicable Control Register address.
Slice Size
0b001
Selects 2-byte slice size
Transaction ID
0xTTTT
‘TTTT’ is the 16-bit Transaction ID for the message.
The value is assigned by the SLIMbus Manager
Device.
Table 55 Register Read Message (2)
Note that the first message may be omitted if its contents are unchanged from the previous
CHANGE_VALUE message sent to the WM5102.
The WM5102 will respond to the Register Read commands in accordance with the normal SLIMbus
protocols.
Note that the WM5102 assumes that sufficient Control Space Slots are available in which to provide
its response before the next REQUEST_VALUE message is received. The WM5102 response is
made using a REPLY_VALUE message; the SLIMbus Manager should wait until the REPLY_VALUE
message has been received before sending the next REQUEST_VALUE message. If additional
REQUEST_VALUE message(s) are received before the WM5102 response has been made, then the
earlier REQUEST_VALUE message(s) will be ignored (ie. only the last REQUEST_VALUE message
will be serviced)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com