Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 143Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 144Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 145Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 146Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 147Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 148Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 149Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 150Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
147
SLIMBUS PORT NUMBER CONTROL
The WM5102 SLIMbus interface supports up to 8 input (RX) channels and up to 8 output (TX)
channels. The SLIMbus port numbers for these audio channels are configurable using the registers
described in Table 50.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1498
(05DAh)
SLIMbus
RX Ports0
13:8
SLIMRX2_PORT
_ADDR [5:0]
1
SLIMbus RX Channel n Port number
Valid from 0..63
5:0
SLIMRX1_PORT
_ADDR [5:0]
0
R1499
(05DBh)
SLIMbus
RX Ports1
13:8
SLIMRX4_PORT
_ADDR [5:0]
3
5:0
SLIMRX3_PORT
_ADDR [5:0]
2
R1500
(05DCh)
SLIMbus
RX Ports2
13:8
SLIMRX6_PORT
_ADDR [5:0]
5
5:0
SLIMRX5_PORT
_ADDR [5:0]
4
R1501
(05DDh)
SLIMbus
RX Ports3
13:8
SLIMRX8_PORT
_ADDR [5:0]
7
5:0
SLIMRX7_PORT
_ADDR [5:0]
6
R1502
(05DEh)
SLIMbus
TX Ports0
13:8
SLIMTX2_PORT_
ADDR [5:0]
9
SLIMbus TX Channel n Port number
Valid from 0..63
5:0
SLIMTX1_PORT_
ADDR [5:0]
8
R1503
(05DFh)
SLIMbus
TX Ports1
13:8
SLIMTX4_PORT_
ADDR [5:0]
11
5:0
SLIMTX3_PORT_
ADDR [5:0]
10
R1504
(05E0h)
SLIMbus
TX Ports2
13:8
SLIMTX6_PORT_
ADDR [5:0]
13
5:0
SLIMTX5_PORT_
ADDR [5:0]
12
R1505
(05E1h)
SLIMbus
TX Ports3
13:8
SLIMTX8_PORT_
ADDR [5:0]
15
5:0
SLIMTX7_PORT_
ADDR [5:0]
14
Table 50 SLIMbus Port Numbers
SLIMBUS SAMPLE RATE CONTROL
The SLIMbus RX inputs may be selected as input to the digital mixers or signal processing functions
within the WM5102 digital core. The SLIMbus TX outputs are derived from the respective output
mixers.
The sample rate for each SLIMbus channel is configured using the SLIMRXn_RATE and
SLIMTXn_RATE registers - see Table 21 within the “Digital Core” section.
Note that the SLIMbus interface provides simultaneous support for SYSCLK-referenced and
ASYNCCLK-referenced sample rates on different channels. For example, 48kHz and 44.1kHz
SLIMbus audio paths can be simultaneously supported.
Sample rate conversion is required when routing the SLIMbus paths to any signal chain that is
asynchronous and/or configured for a different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com