Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 142Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 143Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 144Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 145Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 146Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 147Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 148Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 149Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
146
PARAMETER
CODE
DESCRIPTION
COMMENTS
AF
Auxiliary Bits Format
CG
Clock Gear
CL
Channel Link
CM
Clear Mask
WM5102 does not fully support this function.
The CM bytes of the REQUEST_CLEAR_INFORMATION or
CLEAR_INFORMATION messages must not be sent to WM5102
Devices. When either of these messages is received, all bits
within the specified Information Slice will be cleared.
CN
Channel Number
DC
Device Class
DCV
Device Class Variation
DL
Data Length
DT
Data Type
WM5102 supports the following DT codes:
0h - Not indicated
1h - LPCM audio
Note that 2’s complement PCM can be supported with DT=0h.
EC
Element Code
FL
Frequency Locked
IS
Information Slice
LA
Logical Address
LAIF
Logical Address, Incoming Framer
NCi
Number of Incoming Framer Clock Cycles
NCo
Number of Outgoing Framer Clock Cycles
PN
Port Number
Note that the Port Numbers of the WM5102 SLIMbus paths are
register-configurable, as described in Table 50.
PR
Presence Rate
Note that the Presence Rate must be the same as the Sample
Rate selected for the associated WM5102 SLIMbus path.
RF
Root Frequency
WM5102 supports the following RF codes as Active Framer:
1h - 24.576MHz
2h - 22.5792MHz
All codes are supported when WM5102 is not the Active Framer.
RT
Restart Time
WM5102 supports the following RT codes:
0h - Fast Recovery
2h - Unspecified Delay
When either of these values is specified, the WM5102 will
resume toggling the CLK line within four cycles of the CLK line
frequency.
SD
Segment Distribution
Note that any data channels that are assigned the same
SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n value must
also be assigned the same Segment Interval.
SL
Segment Length
SM
Subframe Mode
TID
Transaction ID
TP
Transport Protocol
WM5102 supports the following TP codes for TX channels:
0h - Isochronous Protocol
1h - Pushed Protocol
WM5102 supports the following TP codes for RX channels:
0h - Isochronous Protocol
2h - Pulled Protocol
VS
Value Slice
VU
Value Update
Table 49 SLIMbus Parameter Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com