Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 148Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 149Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 150Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 151Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 152Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 153Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 154Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 155Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
152
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1507
(05E3h)
SLIMbus
Framer
Ref Gear
4
SLIMCLK_SRC
0
SLIMbus Clock source
Selects the SLIMbus reference clock in
Active Framer mode.
0 = SYSCLK
1 = ASYNCCLK
Note that the applicable clock must be
enabled, and configured at the SLIMbus
Root Frequency, in Active Framer mode.
3:0
SLIMCLK_REF_
GEAR [3:0]
4h
SLIMbus Clock Reference control.
Sets the SLIMbus reference clock relative
to the SLIMbus Root Frequency (RF).
0h = Clock stopped
1h = Gear 1 (RF / 512)
2h = Gear 2 (RF / 256)
3h = Gear 3 (RF / 128)
4h = Gear 4 (RF / 64)
5h = Gear 5 (RF / 32)
6h = Gear 6 (RF / 16)
7h = Gear 7 (RF / 8)
8h = Gear 8 (RF / 4)
9h = Gear 9 (RF / 2)
Ah = Gear 10 (RF)
All other codes are Reserved
Table 57 SLIMbus Clock Reference Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com