Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 152Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 153Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 154Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 155Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 156Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 157Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 158Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 159Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
156
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
HP1R_ENA
0
Output Path 1 (Right) Enable
0 = Disabled
1 = Enabled
R1025
(0401h)
Output
Status 1
9
OUT5L_ENA_ST
S
0
Output Path 5 (Left) Enable Status
0 = Disabled
1 = Enabled
8
OUT5R_ENA_ST
S
0
Output Path 5 (Right) Enable Status
0 = Disabled
1 = Enabled
7
OUT4L_ENA_ST
S
0
Output Path 4 (Left) Enable Status
0 = Disabled
1 = Enabled
6
OUT4R_ENA_ST
S
0
Output Path 4 (Right) Enable Status
0 = Disabled
1 = Enabled
R1030
(0406h)
Raw
Output
Status 1
5
OUT3_ENA_STS
0
Output Path 3 Enable Status
0 = Disabled
1 = Enabled
3
OUT2L_ENA_ST
S
0
Output Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled
2
OUT2R_ENA_ST
S
0
Output Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
OUT1L_ENA_ST
S
0
Output Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
OUT1R_ENA_ST
S
0
Output Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 59 Output Signal Path Enable
OUTPUT SIGNAL PATH SAMPLE RATE CONTROL
The output signal paths are derived from the respective output mixers within the WM5102 digital core.
The sample rate for the output signal paths is configured using the OUT_RATE register - see Table 21
within the “Digital Core” section.
Note that sample rate conversion is required when routing the output signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com