Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 159 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 159 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 155Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 156Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 157Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 158Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 159Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 160Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 161Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 162Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 163Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
159
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056
(0420h)
Output
Path
Config 3L
15:14
DAC3_FREQ_RA
NGE_LIM [1:0]
00
Output Path 3 Clocking Frequency Limit
When OUT3_OSR=0
00 = 3.072MHz (2.8224MHz)
01 = 6.144MHz (5.6448MHz)
10 = 12.288MHz (11.2896MHz)
11 = Reserved
When OUT3_OSR=1
00 = 6.144MHz (5.6448MHz)
01 = 6.144MHz (5.6448MHz)
10 = 12.288MHz (11.2896MHz)
11 = Reserved
Note that the Clocking Frequency will be
<= SYSCLK under all register settings.
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).
13
OUT3_OSR
0
Output Path 3 Oversample Rate
0 = Normal mode
1 = High Performance mode
R1064
(0428h)
Output
Path
Config 4L
13
OUT4_OSR
0
Output Path 4 Oversample Rate
0 = Normal mode
1 = High Performance mode
R1072
(0430h)
Output
Path
Config 5L
13
OUT5_OSR
0
Output Path 5 Oversample Rate
0 = Normal mode
1 = High Performance mode
Table 63 Output Signal Path Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com