Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 156Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 157Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 158Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 159Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 160Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 161Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 162Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 163Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
160
OUTPUT SIGNAL PATH DIGITAL VOLUME CONTROL
A digital volume control is provided on each of the output signal paths, providing -64dB to +31.5dB
gain control in 0.5dB steps. An independent mute control is also provided for each output signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new
settings at a programmable rate. For increasing gain (or un-mute), the rate is controlled by the
OUT_VI_RAMP register. For decreasing gain (or mute), the rate is controlled by the OUT_VD_RAMP
register. Note that the OUT_VI_RAMP and OUT_VD_RAMP registers should not be changed while a
volume ramp is in progress.
The OUT_VU bits control the loading of the output signal path digital volume and mute controls. When
OUT_VU is set to 0, the digital volume and mute settings will be loaded into the respective control
register, but will not actually change the signal path gain. The digital volume and mute settings on all
of the output signal paths are updated when a 1 is written to OUT_VU. This makes it possible to
update the gain of multiple signal paths simultaneously.
For correct gain ramp behaviour, the OUT_VU bits should not be written during the 0.28ms after any
of the output path enable bits (see Table 59) have been asserted. It is recommended that the output
path mute bit be set when the respective output driver is enabled; the signal path can then be un-
muted after the 0.28ms has elapsed.
Note that, although the digital volume control registers provide 0.5dB steps, the internal circuits
provide signal gain adjustment in 0.125dB steps. This allows a very high degree of gain control, and
smooth volume ramping under all operating conditions.
The digital volume control register fields are described in Table 64 and Table 65.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1033
(0409h)
Output
Volume
Ramp
6:4
OUT_VD_RAMP
[2:0]
010
Output Volume Decreasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
2:0
OUT_VI_RAMP
[2:0]
010
Output Volume Increasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
R1041
(0411h)
DAC
Digital
Volume 1L
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT1L_MUTE
1
Output Path 1 (Left) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com