Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 151Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 152Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 153Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 154Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 155Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 156Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 157Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 158Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
155
OUTPUT SIGNAL PATH ENABLE
The output signal paths are enabled using the register bits described in Table 59. The respective bit(s)
must be enabled for analogue or digital output on the respective output path(s).
The output signal paths are muted by default. It is recommended that de-selecting the mute should be
the final step of the path enable control sequence. Similarly, the mute should be selected as the first
step of the path disable control sequence. The output signal path mute functions are controlled using
the register bits described in Table 64.
The supply rails for outputs (OUT1, OUT2 and OUT3) are generated using an integrated dual-mode
Charge Pump, CP1. The Charge Pump is enabled automatically by the WM5102 when required by the
output drivers. See the “Charge Pumps, Regulators and Voltage Reference” section for further details.
The WM5102 schedules a pop-suppressed control sequence to enable or disable the OUT1, OUT2
and OUT3 signal paths. This is automatically managed in response to setting the respective
HPnx_ENA or EP_ENA register bits. See “Control Write Sequencer” for further details.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK may also be required, depending on the path configuration. See “Clocking and Sample
Rates” for details of the system clocks.
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the output signal paths and associated DACs. If an attempt is made to enable an output signal
path, and there are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful.
(Note that any signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Register R1025 and R1030 indicate the status of each of the output signal paths. If
an Underclocked Error condition occurs, then these bits provide readback of which signal path(s) have
been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1024
(0400h)
Output
Enables 1
9
OUT5L_ENA
0
Output Path 5 (Left) Enable
0 = Disabled
1 = Enabled
8
OUT5R_ENA
0
Output Path 5 (Right) Enable
0 = Disabled
1 = Enabled
7
OUT4L_ENA
0
Output Path 4 (Left) Enable
0 = Disabled
1 = Enabled
6
OUT4R_ENA
0
Output Path 4 (Right) Enable
0 = Disabled
1 = Enabled
5
EP_ENA
0
Output Path 3 Enable
0 = Disabled
1 = Enabled
3
HP2L_ENA
0
Output Path 2 (Left) Enable
0 = Disabled
1 = Enabled
2
HP2R_ENA
0
Output Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
HP1L_ENA
0
Output Path 1 (Left) Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com