| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 153 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 153 Page - Wolfson Microelectronics plc |
|
153 / 334 page ![]() Production Data WM5102 w PD, June 2014, Rev 4.2 153 OUTPUT SIGNAL PATH The WM5102 provides four stereo and one mono analogue output signal paths. These outputs comprise ground-referenced headphone drivers, a differential earpiece driver, differential speaker drivers and a digital output interface suitable for external speaker drivers. The output signal paths are summarised in Table 58. SIGNAL PATH DESCRIPTIONS OUTPUT PINS OUT1L, OUT1R Ground-referenced headphone output HPOUT1L, HPOUT1R OUT2L, OUT2R Ground-referenced headphone output HPOUT2L, HPOUT2R OUT3 Differential (BTL) earpiece output EPOUTP, EPOUTN OUT4L, OUT4R Differential speaker output SPKOUTLN, SPKOUTLP, SPKOUTRP, SPKOUTRN OUT5L, OUT5R Digital speaker (PDM) output SPKDAT, SPKCLK Table 58 Output Signal Path Summary The analogue output paths incorporate high performance 24-bit sigma-delta DACs. Under default conditions, the headphone drivers provide a stereo, single-ended output. A mono mode is also available on each headphone output pair, providing a differential (BTL) configuration. The ground-referenced headphone output paths incorporate a common mode feedback path for rejection of system-related noise. These outputs support direct connection to headphone loads, with no requirement for AC coupling capacitors. The earpiece path provides a differential (BTL) output, suitable for a typical earpiece load. The differential configuration offers built-in common mode noise rejection. The speaker output paths are configured to drive a stereo pair of differential (BTL) outputs. The Class D design offers high efficiency at large signal levels. With a suitable choice of external speaker, the Class D output can drive loudspeakers directly, without any additional filter components. The digital output path provides a stereo Pulse Density Modulation (PDM) output interface, for connection to external audio devices. Digital volume control is available on all outputs (analogue and digital), with programmable ramp control for smooth, glitch-free operation. Any of the output signal paths may be selected as input to the Acoustic Echo Cancellation (AEC) loopback path. The WM5102 output signal paths are illustrated in Figure 56. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |