Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 299 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 299 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 295Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 296Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 297Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 298Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 299Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 300Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 301Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 302Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
299
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2025 (7E9h) SLIMTX6MIX Input
1 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL1 [6:0]
0
0080h
R2026 (7EAh) SLIMTX6MIX Input
2 Source
SLIMT
X6MIX
_STS2
0
0
0
0
0
0
0
SLIMTX6MIX_SRC2 [7:0]
0000h
R2027 (7EBh) SLIMTX6MIX Input
2 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL2 [6:0]
0
0080h
R2028 (7ECh) SLIMTX6MIX Input
3 Source
SLIMT
X6MIX
_STS3
0
0
0
0
0
0
0
SLIMTX6MIX_SRC3 [7:0]
0000h
R2029 (7EDh) SLIMTX6MIX Input
3 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL3 [6:0]
0
0080h
R2030 (7EEh) SLIMTX6MIX Input
4 Source
SLIMT
X6MIX
_STS4
0
0
0
0
0
0
0
SLIMTX6MIX_SRC4 [7:0]
0000h
R2031 (7EFh) SLIMTX6MIX Input
4 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL4 [6:0]
0
0080h
R2032 (7F0h) SLIMTX7MIX Input
1 Source
SLIMT
X7MIX
_STS1
0
0
0
0
0
0
0
SLIMTX7MIX_SRC1 [7:0]
0000h
R2033 (7F1h) SLIMTX7MIX Input
1 Volume
0
0
0
0
0
0
0
0
SLIMTX7MIX_VOL1 [6:0]
0
0080h
R2034 (7F2h) SLIMTX7MIX Input
2 Source
SLIMT
X7MIX
_STS2
0
0
0
0
0
0
0
SLIMTX7MIX_SRC2 [7:0]
0000h
R2035 (7F3h) SLIMTX7MIX Input
2 Volume
0
0
0
0
0
0
0
0
SLIMTX7MIX_VOL2 [6:0]
0
0080h
R2036 (7F4h) SLIMTX7MIX Input
3 Source
SLIMT
X7MIX
_STS3
0
0
0
0
0
0
0
SLIMTX7MIX_SRC3 [7:0]
0000h
R2037 (7F5h) SLIMTX7MIX Input
3 Volume
0
0
0
0
0
0
0
0
SLIMTX7MIX_VOL3 [6:0]
0
0080h
R2038 (7F6h) SLIMTX7MIX Input
4 Source
SLIMT
X7MIX
_STS4
0
0
0
0
0
0
0
SLIMTX7MIX_SRC4 [7:0]
0000h
R2039 (7F7h) SLIMTX7MIX Input
4 Volume
0
0
0
0
0
0
0
0
SLIMTX7MIX_VOL4 [6:0]
0
0080h
R2040 (7F8h) SLIMTX8MIX Input
1 Source
SLIMT
X8MIX
_STS1
0
0
0
0
0
0
0
SLIMTX8MIX_SRC1 [7:0]
0000h
R2041 (7F9h) SLIMTX8MIX Input
1 Volume
0
0
0
0
0
0
0
0
SLIMTX8MIX_VOL1 [6:0]
0
0080h
R2042 (7FAh) SLIMTX8MIX Input
2 Source
SLIMT
X8MIX
_STS2
0
0
0
0
0
0
0
SLIMTX8MIX_SRC2 [7:0]
0000h
R2043 (7FBh) SLIMTX8MIX Input
2 Volume
0
0
0
0
0
0
0
0
SLIMTX8MIX_VOL2 [6:0]
0
0080h
R2044 (7FCh) SLIMTX8MIX Input
3 Source
SLIMT
X8MIX
_STS3
0
0
0
0
0
0
0
SLIMTX8MIX_SRC3 [7:0]
0000h
R2045 (7FDh) SLIMTX8MIX Input
3 Volume
0
0
0
0
0
0
0
0
SLIMTX8MIX_VOL3 [6:0]
0
0080h
R2046 (7FEh) SLIMTX8MIX Input
4 Source
SLIMT
X8MIX
_STS4
0
0
0
0
0
0
0
SLIMTX8MIX_SRC4 [7:0]
0000h
R2047 (7FFh) SLIMTX8MIX Input
4 Volume
0
0
0
0
0
0
0
0
SLIMTX8MIX_VOL4 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com