Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 302 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 302 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 298Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 299Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 300Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 301Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 302Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
302
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2254 (8CEh) DRC1RMIX Input 4
Source
DRC1
RMIX_
STS4
0
0
0
0
0
0
0
DRC1RMIX_SRC4 [7:0]
0000h
R2255 (8CFh) DRC1RMIX Input 4
Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL4 [6:0]
0
0080h
R2304 (900h) HPLP1MIX Input 1
Source
LHPF1
MIX_S
TS1
0
0
0
0
0
0
0
LHPF1MIX_SRC1 [7:0]
0000h
R2305 (901h) HPLP1MIX Input 1
Volume
0
0
0
0
0
0
0
0
LHPF1MIX_VOL1 [6:0]
0
0080h
R2306 (902h) HPLP1MIX Input 2
Source
LHPF1
MIX_S
TS2
0
0
0
0
0
0
0
LHPF1MIX_SRC2 [7:0]
0000h
R2307 (903h) HPLP1MIX Input 2
Volume
0
0
0
0
0
0
0
0
LHPF1MIX_VOL2 [6:0]
0
0080h
R2308 (904h) HPLP1MIX Input 3
Source
LHPF1
MIX_S
TS3
0
0
0
0
0
0
0
LHPF1MIX_SRC3 [7:0]
0000h
R2309 (905h) HPLP1MIX Input 3
Volume
0
0
0
0
0
0
0
0
LHPF1MIX_VOL3 [6:0]
0
0080h
R2310 (906h) HPLP1MIX Input 4
Source
LHPF1
MIX_S
TS4
0
0
0
0
0
0
0
LHPF1MIX_SRC4 [7:0]
0000h
R2311 (907h) HPLP1MIX Input 4
Volume
0
0
0
0
0
0
0
0
LHPF1MIX_VOL4 [6:0]
0
0080h
R2312 (908h) HPLP2MIX Input 1
Source
LHPF2
MIX_S
TS1
0
0
0
0
0
0
0
LHPF2MIX_SRC1 [7:0]
0000h
R2313 (909h) HPLP2MIX Input 1
Volume
0
0
0
0
0
0
0
0
LHPF2MIX_VOL1 [6:0]
0
0080h
R2314 (90Ah) HPLP2MIX Input 2
Source
LHPF2
MIX_S
TS2
0
0
0
0
0
0
0
LHPF2MIX_SRC2 [7:0]
0000h
R2315 (90Bh) HPLP2MIX Input 2
Volume
0
0
0
0
0
0
0
0
LHPF2MIX_VOL2 [6:0]
0
0080h
R2316 (90Ch) HPLP2MIX Input 3
Source
LHPF2
MIX_S
TS3
0
0
0
0
0
0
0
LHPF2MIX_SRC3 [7:0]
0000h
R2317 (90Dh) HPLP2MIX Input 3
Volume
0
0
0
0
0
0
0
0
LHPF2MIX_VOL3 [6:0]
0
0080h
R2318 (90Eh) HPLP2MIX Input 4
Source
LHPF2
MIX_S
TS4
0
0
0
0
0
0
0
LHPF2MIX_SRC4 [7:0]
0000h
R2319 (90Fh) HPLP2MIX Input 4
Volume
0
0
0
0
0
0
0
0
LHPF2MIX_VOL4 [6:0]
0
0080h
R2320 (910h) HPLP3MIX Input 1
Source
LHPF3
MIX_S
TS1
0
0
0
0
0
0
0
LHPF3MIX_SRC1 [7:0]
0000h
R2321 (911h) HPLP3MIX Input 1
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL1 [6:0]
0
0080h
R2322 (912h) HPLP3MIX Input 2
Source
LHPF3
MIX_S
TS2
0
0
0
0
0
0
0
LHPF3MIX_SRC2 [7:0]
0000h
R2323 (913h) HPLP3MIX Input 2
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL2 [6:0]
0
0080h
R2324 (914h) HPLP3MIX Input 3
Source
LHPF3
MIX_S
TS3
0
0
0
0
0
0
0
LHPF3MIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com