Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 304 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 304 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 300Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 301Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 302Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
304
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2380 (94Ch) DSP1RMIX Input 3
Source
DSP1
RMIX_
STS3
0
0
0
0
0
0
0
DSP1RMIX_SRC3 [7:0]
0000h
R2381 (94Dh) DSP1RMIX Input 3
Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL3 [6:0]
0
0080h
R2382 (94Eh) DSP1RMIX Input 4
Source
DSP1
RMIX_
STS4
0
0
0
0
0
0
0
DSP1RMIX_SRC4 [7:0]
0000h
R2383 (94Fh) DSP1RMIX Input 4
Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL4 [6:0]
0
0080h
R2384 (950h) DSP1AUX1MIX
Input 1 Source
DSP1
AUX1
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX1_SRC [7:0]
0000h
R2392 (958h) DSP1AUX2MIX
Input 1 Source
DSP1
AUX2
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX2_SRC [7:0]
0000h
R2400 (960h) DSP1AUX3MIX
Input 1 Source
DSP1
AUX3
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX3_SRC [7:0]
0000h
R2408 (968h) DSP1AUX4MIX
Input 1 Source
DSP1
AUX4
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX4_SRC [7:0]
0000h
R2416 (970h) DSP1AUX5MIX
Input 1 Source
DSP1
AUX5
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX5_SRC [7:0]
0000h
R2424 (978h) DSP1AUX6MIX
Input 1 Source
DSP1
AUX6
MIX_S
TS
0
0
0
0
0
0
0
DSP1AUX6_SRC [7:0]
0000h
R2688 (A80h) ASRC1LMIX Input
1 Source
ASRC
1LMIX
_STS
0
0
0
0
0
0
0
ASRC1L_SRC [7:0]
0000h
R2696 (A88h) ASRC1RMIX Input
1 Source
ASRC
1RMIX
_STS
0
0
0
0
0
0
0
ASRC1R_SRC [7:0]
0000h
R2704 (A90h) ASRC2LMIX Input
1 Source
ASRC
2LMIX
_STS
0
0
0
0
0
0
0
ASRC2L_SRC [7:0]
0000h
R2712 (A98h) ASRC2RMIX Input
1 Source
ASRC
2RMIX
_STS
0
0
0
0
0
0
0
ASRC2R_SRC [7:0]
0000h
R2816 (B00h) ISRC1DEC1MIX
Input 1 Source
ISRC1
DEC1
MIX_S
TS
0
0
0
0
0
0
0
ISRC1DEC1_SRC [7:0]
0000h
R2824 (B08h) ISRC1DEC2MIX
Input 1 Source
ISRC1
DEC2
MIX_S
TS
0
0
0
0
0
0
0
ISRC1DEC2_SRC [7:0]
0000h
R2848 (B20h) ISRC1INT1MIX
Input 1 Source
ISRC1I
NT1MI
X_STS
0
0
0
0
0
0
0
ISRC1INT1_SRC [7:0]
0000h
R2856 (B28h) ISRC1INT2MIX
Input 1 Source
ISRC1I
NT2MI
X_STS
0
0
0
0
0
0
0
ISRC1INT2_SRC [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com