Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 307 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 307 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
307
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3347 (D13h) IRQ2 Status 4
ASRC
_CFG_
ERR_
EINT2
AIF3_
ERR_
EINT2
AIF2_
ERR_
EINT2
AIF1_
ERR_
EINT2
CTRLI
F_ER
R_EIN
T2
MIXER
_DRO
PPED
_SAM
PLE_E
INT2
ASYN
C_CLK
_ENA_
LOW_
EINT2
SYSC
LK_EN
A_LO
W_EIN
T2
ISRC1
_CFG_
ERR_
EINT2
ISRC2
_CFG_
ERR_
EINT2
0
0
0
0
0
0
0000h
R3348 (D14h) IRQ2 Status 5
0
0
0
0
0
0
0
BOOT
_DON
E_EIN
T2
DCS_
DAC_
DONE
_EINT
2
DCS_
HP_D
ONE_
EINT2
0
0
0
0
FLL2_
CLOC
K_OK_
EINT2
FLL1_
CLOC
K_OK_
EINT2
0000h
R3352 (D18h) IRQ2 Status 1
Mask
0
0
0
0
0
0
0
0
0
0
0
0
IM_GP
4_EIN
T2
IM_GP
3_EIN
T2
IM_GP
2_EIN
T2
IM_GP
1_EIN
T2
000Fh
R3353 (D19h) IRQ2 Status 2
Mask
0
0
0
0
0
0
0
IM_DS
P1_RA
M_RD
Y_EIN
T2
0
0
0
0
0
0
IM_DS
P_IRQ
2_EIN
T2
IM_DS
P_IRQ
1_EIN
T2
0103h
R3354 (D1Ah) IRQ2 Status 3
Mask
IM_SP
K_SH
UTDO
WN_W
ARN_
EINT2
IM_SP
K_SH
UTDO
WN_EI
NT2
IM_HP
DET_E
INT2
IM_MI
CDET
_EINT
2
IM_W
SEQ_
DONE
_EINT
2
0
IM_DR
C1_SI
G_DE
T_EIN
T2
IM_AS
RC2_L
OCK_
EINT2
IM_AS
RC1_L
OCK_
EINT2
IM_UN
DERC
LOCK
ED_EI
NT2
IM_OV
ERCL
OCKE
D_EIN
T2
0
IM_FL
L2_LO
CK_EI
NT2
IM_FL
L1_LO
CK_EI
NT2
IM_CL
KGEN
_ERR_
EINT2
IM_CL
KGEN
_ERR_
ASYN
C_EIN
T2
FFEFh
R3355 (D1Bh) IRQ2 Status 4
Mask
IM_AS
RC_C
FG_E
RR_EI
NT2
IM_AIF
3_ERR
_EINT
2
IM_AIF
2_ERR
_EINT
2
IM_AIF
1_ERR
_EINT
2
IM_CT
RLIF_
ERR_
EINT2
IM_MI
XER_
DROP
PED_
SAMP
LE_EI
NT2
IM_AS
YNC_
CLK_E
NA_L
OW_EI
NT2
IM_SY
SCLK_
ENA_L
OW_EI
NT2
IM_IS
RC1_C
FG_E
RR_EI
NT2
IM_IS
RC2_C
FG_E
RR_EI
NT2
0
0
0
0
0
0
FFC0h
R3356 (D1Ch) IRQ2 Status 5
Mask
1
1
1
1
1
1
1
IM_BO
OT_D
ONE_
EINT2
IM_DC
S_DA
C_DO
NE_EI
NT2
IM_DC
S_HP_
DONE
_EINT
2
0
0
0
0
IM_FL
L2_CL
OCK_
OK_EI
NT2
IM_FL
L1_CL
OCK_
OK_EI
NT2
FEC3h
R3359 (D1Fh) IRQ2 Control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IR
Q2
0000h
R3360 (D20h) Interrupt Raw
Status 2
0
0
0
0
0
0
0
DSP1_
RAM_
RDY_
STS
0
0
0
0
0
0
DSP_I
RQ2_
STS
DSP_I
RQ1_
STS
0000h
R3361 (D21h) Interrupt Raw
Status 3
SPK_S
HUTD
OWN_
WARN
_STS
SPK_S
HUTD
OWN_
STS
0
0
WSEQ
_DON
E_STS
0
DRC1_
SIG_D
ET_ST
S
ASRC
2_LOC
K_STS
ASRC
1_LOC
K_STS
UNDE
RCLO
CKED
_STS
OVER
CLOC
KED_
STS
0
FLL2_
LOCK
_STS
FLL1_
LOCK
_STS
CLKG
EN_E
RR_S
TS
CLKG
EN_E
RR_A
SYNC
_STS
0000h
R3362 (D22h) Interrupt Raw
Status 4
ASRC
_CFG_
ERR_
STS
AIF3_
ERR_
STS
AIF2_
ERR_
STS
AIF1_
ERR_
STS
CTRLI
F_ER
R_STS
MIXER
_DRO
PPED
_SAM
PLE_S
TS
ASYN
C_CLK
_ENA_
LOW_
STS
SYSC
LK_EN
A_LO
W_ST
S
ISRC1
_CFG_
ERR_
STS
ISRC2
_CFG_
ERR_
STS
0
0
0
0
0
0
0000h
R3363 (D23h) Interrupt Raw
Status 5
0
0
0
0
0
0
0
BOOT
_DON
E_STS
DCS_
DAC_
DONE
_STS
DCS_
HP_D
ONE_
STS
0
0
0
0
FLL2_
CLOC
K_OK_
STS
FLL1_
CLOC
K_OK_
STS
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com