Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 308 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 308 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
308
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3364 (D24h) Interrupt Raw
Status 6
0
0
PWM_
OVER
CLOC
KED_
STS
FX_C
ORE_
OVER
CLOC
KED_
STS
0
DAC_
SYS_
OVER
CLOC
KED_
STS
DAC_
WARP
_OVE
RCLO
CKED
_STS
ADC_
OVER
CLOC
KED_
STS
MIXER
_OVE
RCLO
CKED
_STS
AIF3_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF2_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF1_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF3_
SYNC
_OVE
RCLO
CKED
_STS
AIF2_
SYNC
_OVE
RCLO
CKED
_STS
AIF1_
SYNC
_OVE
RCLO
CKED
_STS
PAD_
CTRL_
OVER
CLOC
KED_
STS
0000h
R3365 (D25h) Interrupt Raw
Status 7
SLIMB
US_S
UBSY
S_OV
ERCL
OCKE
D_STS
SLIMB
US_A
SYNC
_OVE
RCLO
CKED
_STS
SLIMB
US_S
YNC_
OVER
CLOC
KED_
STS
ASRC
_ASY
NC_S
YS_O
VERC
LOCK
ED_ST
S
ASRC
_ASY
NC_W
ARP_
OVER
CLOC
KED_
STS
ASRC
_SYN
C_SY
S_OV
ERCL
OCKE
D_STS
ASRC
_SYN
C_WA
RP_O
VERC
LOCK
ED_ST
S
0
0
0
0
0
DSP1_
OVER
CLOC
KED_
STS
0
ISRC2
_OVE
RCLO
CKED
_STS
ISRC1
_OVE
RCLO
CKED
_STS
0000h
R3366 (D26h) Interrupt Raw
Status 8
0
0
0
0
0
AIF3_
UNDE
RCLO
CKED
_STS
AIF2_
UNDE
RCLO
CKED
_STS
AIF1_
UNDE
RCLO
CKED
_STS
0
ISRC2
_UND
ERCL
OCKE
D_STS
ISRC1
_UND
ERCL
OCKE
D_STS
FX_U
NDER
CLOC
KED_
STS
ASRC
_UND
ERCL
OCKE
D_STS
DAC_
UNDE
RCLO
CKED
_STS
ADC_
UNDE
RCLO
CKED
_STS
MIXER
_UND
ERCL
OCKE
D_STS
0000h
R3392 (D40h) IRQ Pin Status
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IRQ2_
STS
IRQ1_
STS
0000h
R3393 (D41h) ADSP2 IRQ0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP_I
RQ2
DSP_I
RQ1
0000h
R3408 (D50h) AOD wkup and trig
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_TRI
G_ST
S
MICD_
CLAM
P_RIS
E_TRI
G_ST
S
GP5_F
ALL_T
RIG_S
TS
GP5_
RISE_
TRIG_
STS
JD1_F
ALL_T
RIG_S
TS
JD1_R
ISE_T
RIG_S
TS
0
0
0000h
R3409 (D51h) AOD IRQ1
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_EIN
T1
MICD_
CLAM
P_RIS
E_EIN
T1
GP5_F
ALL_E
INT1
GP5_
RISE_
EINT1
JD1_F
ALL_E
INT1
JD1_R
ISE_EI
NT1
0
0
0000h
R3410 (D52h) AOD IRQ2
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_EIN
T2
MICD_
CLAM
P_RIS
E_EIN
T2
GP5_F
ALL_E
INT2
GP5_
RISE_
EINT2
JD1_F
ALL_E
INT2
JD1_R
ISE_EI
NT2
0
0
0000h
R3411 (D53h) AOD IRQ Mask
IRQ1
0
0
0
0
0
0
0
0
IM_MI
CD_CL
AMP_
FALL_
EINT1
IM_MI
CD_CL
AMP_
RISE_
EINT1
IM_GP
5_FAL
L_EIN
T1
IM_GP
5_RIS
E_EIN
T1
IM_JD
1_FAL
L_EIN
T1
IM_JD
1_RIS
E_EIN
T1
0
0
003Ch
R3412 (D54h) AOD IRQ Mask
IRQ2
0
0
0
0
0
0
0
0
IM_MI
CD_CL
AMP_
FALL_
EINT2
IM_MI
CD_CL
AMP_
RISE_
EINT2
IM_GP
5_FAL
L_EIN
T2
IM_GP
5_RIS
E_EIN
T2
IM_JD
1_FAL
L_EIN
T2
IM_JD
1_RIS
E_EIN
T2
0
0
003Ch
R3413 (D55h) AOD IRQ Raw
Status
0
0
0
0
0
0
0
0
0
0
0
0
MICD_
CLAM
P_STS
GP5_S
TS
0
JD1_S
TS
0000h
R3414 (D56h) Jack detect
debounce
0
0
0
0
0
0
0
0
0
0
0
0
MICD_
CLAM
P_DB
0
0
JD1_D
B
0000h
R3584 (E00h) FX_Ctrl1
0
FX_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3585 (E01h) FX_Ctrl2
FX_STS [11:0]
0
0
0
0
0000h
R3600 (E10h) EQ1_1
EQ1_B1_GAIN [4:0]
EQ1_B2_GAIN [4:0]
EQ1_B3_GAIN [4:0]
EQ1_E
NA
6318h
R3601 (E11h) EQ1_2
EQ1_B4_GAIN [4:0]
EQ1_B5_GAIN [4:0]
0
0
0
0
0
EQ1_
MODE
6300h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com