Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 310 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 310 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 313Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 314Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
310
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3651 (E43h) EQ3_8
EQ3_B2_C [15:0]
0409h
R3652 (E44h) EQ3_9
EQ3_B2_PG [15:0]
04CCh
R3653 (E45h) EQ3_10
EQ3_B3_A [15:0]
1C9Bh
R3654 (E46h) EQ3_11
EQ3_B3_B [15:0]
F337h
R3655 (E47h) EQ3_12
EQ3_B3_C [15:0]
040Bh
R3656 (E48h) EQ3_13
EQ3_B3_PG [15:0]
0CBBh
R3657 (E49h) EQ3_14
EQ3_B4_A [15:0]
16F8h
R3658 (E4Ah) EQ3_15
EQ3_B4_B [15:0]
F7D9h
R3659 (E4Bh) EQ3_16
EQ3_B4_C [15:0]
040Ah
R3660 (E4Ch) EQ3_17
EQ3_B4_PG [15:0]
1F14h
R3661 (E4Dh) EQ3_18
EQ3_B5_A [15:0]
058Ch
R3662 (E4Eh) EQ3_19
EQ3_B5_B [15:0]
0563h
R3663 (E4Fh) EQ3_20
EQ3_B5_PG [15:0]
4000h
R3664 (E50h) EQ3_21
EQ3_B1_C [15:0]
0B75h
R3666 (E52h) EQ4_1
EQ4_B1_GAIN [4:0]
EQ4_B2_GAIN [4:0]
EQ4_B3_GAIN [4:0]
EQ4_E
NA
6318h
R3667 (E53h) EQ4_2
EQ4_B4_GAIN [4:0]
EQ4_B5_GAIN [4:0]
0
0
0
0
0
EQ4_
MODE
6300h
R3668 (E54h) EQ4_3
EQ4_B1_A [15:0]
0FC8h
R3669 (E55h) EQ4_4
EQ4_B1_B [15:0]
03FEh
R3670 (E56h) EQ4_5
EQ4_B1_PG [15:0]
00E0h
R3671 (E57h) EQ4_6
EQ4_B2_A [15:0]
1EC4h
R3672 (E58h) EQ4_7
EQ4_B2_B [15:0]
F136h
R3673 (E59h) EQ4_8
EQ4_B2_C [15:0]
0409h
R3674 (E5Ah) EQ4_9
EQ4_B2_PG [15:0]
04CCh
R3675 (E5Bh) EQ4_10
EQ4_B3_A [15:0]
1C9Bh
R3676 (E5Ch) EQ4_11
EQ4_B3_B [15:0]
F337h
R3677 (E5Dh) EQ4_12
EQ4_B3_C [15:0]
040Bh
R3678 (E5Eh) EQ4_13
EQ4_B3_PG [15:0]
0CBBh
R3679 (E5Fh) EQ4_14
EQ4_B4_A [15:0]
16F8h
R3680 (E60h) EQ4_15
EQ4_B4_B [15:0]
F7D9h
R3681 (E61h) EQ4_16
EQ4_B4_C [15:0]
040Ah
R3682 (E62h) EQ4_17
EQ4_B4_PG [15:0]
1F14h
R3683 (E63h) EQ4_18
EQ4_B5_A [15:0]
058Ch
R3684 (E64h) EQ4_19
EQ4_B5_B [15:0]
0563h
R3685 (E65h) EQ4_20
EQ4_B5_PG [15:0]
4000h
R3686 (E66h) EQ4_21
EQ4_B1_C [15:0]
0B75h
R3712 (E80h) DRC1 ctrl1
DRC1_SIG_DET_RMS [4:0]
DRC1_SIG_DE
T_PK [1:0]
DRC1_
NG_E
NA
DRC1_
SIG_D
ET_M
ODE
DRC1_
SIG_D
ET
DRC1_
KNEE
2_OP_
ENA
DRC1_
QR
DRC1_
ANTIC
LIP
DRC1_
WSEQ
_SIG_
DET_E
NA
DRC1L
_ENA
DRC1
R_EN
A
0018h
R3713 (E81h) DRC1 ctrl2
0
0
0
DRC1_ATK [3:0]
DRC1_DCY [3:0]
DRC1_MINGAIN [2:0] DRC1_MAXGA
IN [1:0]
0933h
R3714 (E82h) DRC1 ctrl3
DRC1_NG_MINGAIN [3:0]
DRC1_NG_EX
P [1:0]
DRC1_QR_TH
R [1:0]
DRC1_QR_DC
Y [1:0]
DRC1_HI_COMP [2:0] DRC1_LO_COMP [2:0]
0018h
R3715 (E83h) DRC1 ctrl4
0
0
0
0
0
DRC1_KNEE_IP [5:0]
DRC1_KNEE_OP [4:0]
0000h
R3716 (E84h) DRC1 ctrl5
0
0
0
0
0
0
DRC1_KNEE2_IP [4:0]
DRC1_KNEE2_OP [4:0]
0000h
R3776 (EC0h) HPLPF1_1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LHPF1
_MOD
E
LHPF1
_ENA
0000h
R3777 (EC1h) HPLPF1_2
LHPF1_COEFF [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com