Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 314 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 314 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 313Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 314Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 315Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 316Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 317Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 318Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
314
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
ANALOGUE INPUT PATHS
The WM5102 provides up to 6 analogue audio input paths. Each of these inputs is referenced to the
internal DC reference, VMID. A DC blocking capacitor is required for each analogue input pin used in
the target application. The choice of capacitor is determined by the filter that is formed between that
capacitor and the impedance of the input pin. The circuit is illustrated in Figure 82.
Figure 82 Audio Input Path DC Blocking Capacitor
In accordance with the WM5102 input pin resistance (see “Electrical Characteristics”), it is
recommended that a 1
F capacitance for all input connections will give good results in most cases,
with a 3dB cut-off frequency around 13Hz.
Ceramic capacitors are suitable, but care must be taken to ensure the desired capacitance is
maintained at the AVDD operating voltage. Also, ceramic capacitors may show microphonic effects,
where vibrations and mechanical conditions give rise to electrical signals. This is particularly
problematic for microphone input paths where a large signal gain is required.
A single capacitor is required for a single-ended line or microphone input connection. For a differential
input connection, a DC blocking capacitor is required on both input pins.
The external connections for single-ended and differential microphones, incorporating the WM5102
microphone bias circuit, are shown later in the “Microphone Bias Circuit” section - see Figure 83.
DIGITAL MICROPHONE INPUT PATHS
The WM5102 provides up to 6 digital microphone input paths; two channels of audio data can be
multiplexed on each of the DMICDATn pins. Each of these stereo pairs is clocked using the respective
DMICCLKn pin.
The external connections for digital microphones, incorporating the WM5102 microphone bias circuit,
are shown later in the “Microphone Bias Circuit” section - see Figure 85.
Ceramic decoupling capacitors for the digital microphones may be required - refer to the specific
recommendations for the application microphone(s).
When two microphones are connected to a single DMICDAT pin, the microphones must be configured
to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic transmits a
data bit when DMICCLK is low. The WM5102 samples the digital microphone data at the end of each
DMICCLK phase. Each microphone must tri-state its data output when the other microphone is
transmitting. Integrated pull-down resistors can be enabled on the DMICDAT pins if required.
The voltage reference for each digital microphone interface is selectable. It is important that the
selected reference for the WM5102 interface is compatible with the applicable configuration of the
external microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com