Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 312 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 312 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 313Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 314Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 315Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 316Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
312
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R4375
(1117h)
DSP1 WDMA
Buffer 8
DSP1_START_ADDRESS_WDMA_BUFFER_7 [15:0]
0000h
R4384
(1120h)
DSP1 RDMA
Buffer 1
DSP1_START_ADDRESS_RDMA_BUFFER_0 [15:0]
0000h
R4385
(1121h)
DSP1 RDMA
Buffer 2
DSP1_START_ADDRESS_RDMA_BUFFER_1 [15:0]
0000h
R4386
(1122h)
DSP1 RDMA
Buffer 3
DSP1_START_ADDRESS_RDMA_BUFFER_2 [15:0]
0000h
R4387
(1123h)
DSP1 RDMA
Buffer 4
DSP1_START_ADDRESS_RDMA_BUFFER_3 [15:0]
0000h
R4388
(1124h)
DSP1 RDMA
Buffer 5
DSP1_START_ADDRESS_RDMA_BUFFER_4 [15:0]
0000h
R4389
(1125h)
DSP1 RDMA
Buffer 6
DSP1_START_ADDRESS_RDMA_BUFFER_5 [15:0]
0000h
R4400
(1130h)
DSP1 WDMA
Config 1
0
0
DSP1_WDMA_BUFFER_LENGTH [13:0]
0000h
R4401
(1131h)
DSP1 WDMA
Config 2
0
0
0
0
0
0
0
0
DSP1_WDMA_CHANNEL_ENABLE [7:0]
0000h
R4404
(1134h)
DSP1 RDMA
Config 1
0
0
0
0
0
0
0
0
0
0
DSP1_RDMA_CHANNEL_ENABLE [5:0]
0000h
R4416
(1140h)
DSP1 Scratch 0
DSP1_SCRATCH_0 [15:0]
0000h
R4417
(1141h)
DSP1 Scratch 1
DSP1_SCRATCH_1 [15:0]
0000h
R4418
(1142h)
DSP1 Scratch 2
DSP1_SCRATCH_2 [15:0]
0000h
R4419
(1143h)
DSP1 Scratch 3
DSP1_SCRATCH_3 [15:0]
0000h
Control Write Sequencer Memory
R12288
(3000h)
WSEQ Sequence 1 WSEQ_DATA_WIDTH0
[2:0]
WSEQ_ADDR0 [12:0]
0225h
R12289
(3001h)
WSEQ Sequence 2
WSEQ_DELAY0 [3:0]
WSEQ_DATA_START0 [3:0]
WSEQ_DATA0 [7:0]
0001h
R12290
(3002h)
WSEQ Sequence 3 WSEQ_DATA_WIDTH1
[2:0]
WSEQ_ADDR1 [12:0]
0000h
R12291
(3003h)
WSEQ Sequence 4
WSEQ_DELAY1 [3:0]
WSEQ_DATA_START1 [3:0]
WSEQ_DATA1 [7:0]
0003h
(Similar for WSEQ Index 2 … 254)
R12798
(31FEh)
WSEQ Sequence
511
WSEQ_DATA_WIDTH2
55 [2:0]
WSEQ_ADDR255 [12:0]
0000h
R12799
(31FFh)
WSEQ Sequence
512
WSEQ_DELAY255 [3:0]
WSEQ_DATA_START255 [3:0]
WSEQ_DATA255 [7:0]
0000h
DSP1 Firmware Memory
R1048576
(10_0000h)
DSP1PM0
0
0
0
0
0
0
0
0
DSP1_PM_0 [39:32]
0000h
R1048577
(10_0001h)
DSP1PM1
DSP1_PM_0 [31:16]
0000h
R1048578
(10_0002h)
DSP1PM2
DSP1_PM_0 [15:0]
0000h
R1048579
(10_0003h)
DSP1PM3
0
0
0
0
0
0
0
0
DSP1_PM_1 [39:32]
0000h
R1048580
(10_0004h)
DSP1PM4
DSP1_PM_1 [31:16]
0000h
R1048581
(10_0005h)
DSP1PM5
DSP1_PM_1 [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com