Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 309 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 309 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 313Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
309
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3602 (E12h) EQ1_3
EQ1_B1_A [15:0]
0FC8h
R3603 (E13h) EQ1_4
EQ1_B1_B [15:0]
03FEh
R3604 (E14h) EQ1_5
EQ1_B1_PG [15:0]
00E0h
R3605 (E15h) EQ1_6
EQ1_B2_A [15:0]
1EC4h
R3606 (E16h) EQ1_7
EQ1_B2_B [15:0]
F136h
R3607 (E17h) EQ1_8
EQ1_B2_C [15:0]
0409h
R3608 (E18h) EQ1_9
EQ1_B2_PG [15:0]
04CCh
R3609 (E19h) EQ1_10
EQ1_B3_A [15:0]
1C9Bh
R3610 (E1Ah) EQ1_11
EQ1_B3_B [15:0]
F337h
R3611 (E1Bh) EQ1_12
EQ1_B3_C [15:0]
040Bh
R3612 (E1Ch) EQ1_13
EQ1_B3_PG [15:0]
0CBBh
R3613 (E1Dh) EQ1_14
EQ1_B4_A [15:0]
16F8h
R3614 (E1Eh) EQ1_15
EQ1_B4_B [15:0]
F7D9h
R3615 (E1Fh) EQ1_16
EQ1_B4_C [15:0]
040Ah
R3616 (E20h) EQ1_17
EQ1_B4_PG [15:0]
1F14h
R3617 (E21h) EQ1_18
EQ1_B5_A [15:0]
058Ch
R3618 (E22h) EQ1_19
EQ1_B5_B [15:0]
0563h
R3619 (E23h) EQ1_20
EQ1_B5_PG [15:0]
4000h
R3620 (E24h) EQ1_21
EQ1_B1_C [15:0]
0B75h
R3622 (E26h) EQ2_1
EQ2_B1_GAIN [4:0]
EQ2_B2_GAIN [4:0]
EQ2_B3_GAIN [4:0]
EQ2_E
NA
6318h
R3623 (E27h) EQ2_2
EQ2_B4_GAIN [4:0]
EQ2_B5_GAIN [4:0]
0
0
0
0
0
EQ2_
MODE
6300h
R3624 (E28h) EQ2_3
EQ2_B1_A [15:0]
0FC8h
R3625 (E29h) EQ2_4
EQ2_B1_B [15:0]
03FEh
R3626 (E2Ah) EQ2_5
EQ2_B1_PG [15:0]
00E0h
R3627 (E2Bh) EQ2_6
EQ2_B2_A [15:0]
1EC4h
R3628 (E2Ch) EQ2_7
EQ2_B2_B [15:0]
F136h
R3629 (E2Dh) EQ2_8
EQ2_B2_C [15:0]
0409h
R3630 (E2Eh) EQ2_9
EQ2_B2_PG [15:0]
04CCh
R3631 (E2Fh) EQ2_10
EQ2_B3_A [15:0]
1C9Bh
R3632 (E30h) EQ2_11
EQ2_B3_B [15:0]
F337h
R3633 (E31h) EQ2_12
EQ2_B3_C [15:0]
040Bh
R3634 (E32h) EQ2_13
EQ2_B3_PG [15:0]
0CBBh
R3635 (E33h) EQ2_14
EQ2_B4_A [15:0]
16F8h
R3636 (E34h) EQ2_15
EQ2_B4_B [15:0]
F7D9h
R3637 (E35h) EQ2_16
EQ2_B4_C [15:0]
040Ah
R3638 (E36h) EQ2_17
EQ2_B4_PG [15:0]
1F14h
R3639 (E37h) EQ2_18
EQ2_B5_A [15:0]
058Ch
R3640 (E38h) EQ2_19
EQ2_B5_B [15:0]
0563h
R3641 (E39h) EQ2_20
EQ2_B5_PG [15:0]
4000h
R3642 (E3Ah) EQ2_21
EQ2_B1_C [15:0]
0B75h
R3644 (E3Ch) EQ3_1
EQ3_B1_GAIN [4:0]
EQ3_B2_GAIN [4:0]
EQ3_B3_GAIN [4:0]
EQ3_E
NA
6318h
R3645 (E3Dh) EQ3_2
EQ3_B4_GAIN [4:0]
EQ3_B5_GAIN [4:0]
0
0
0
0
0
EQ3_
MODE
6300h
R3646 (E3Eh) EQ3_3
EQ3_B1_A [15:0]
0FC8h
R3647 (E3Fh) EQ3_4
EQ3_B1_B [15:0]
03FEh
R3648 (E40h) EQ3_5
EQ3_B1_PG [15:0]
00E0h
R3649 (E41h) EQ3_6
EQ3_B2_A [15:0]
1EC4h
R3650 (E42h) EQ3_7
EQ3_B2_B [15:0]
F136h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com