Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 313 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 313 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 310Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 311Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 312Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 313Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 314Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 315Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 316Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 317Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
313
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
(Similar for DSP1 Program Memory 2 … 8190)
R1073149
(10_5FFDh)
DSP1PM024573
0
0
0
0
0
0
0
0
DSP1_PM_8191 [39:32]
0000h
R1073150
(10_5FFEh)
DSP1PM24574
DSP1_PM_8191 [31:16]
0000h
R1073151
(10_5FFFh)
DSP1PM24575
DSP1_PM_8191 [15:0]
0000h
R1572864
(18_0000h)
DSP1ZM0
0
0
0
0
0
0
0
0
DSP1_ZM_0 [23:16]
0000h
R1572865
(18_0001h)
DSP1ZM1
DSP1_ZM_0 [15:0]
0000h
R1572866
(18_0002h)
DSP1ZM2
0
0
0
0
0
0
0
0
DSP1_ZM_1 [23:16]
0000h
R1572867
(18_0003h)
DSP1ZM3
DSP1_ZM_1 [15:0]
0000h
(Similar for DSP1 Coefficient Memory 2 … 1022)
R1574910
(18_07FEh)
DSP1ZM2046
0
0
0
0
0
0
0
0
DSP1_ZM_1023 [23:16]
0000h
R1574911
(18_07FFh)
DSP1ZM2047
DSP1_ZM_1023 [15:0]
0000h
R1638400
(19_0000h)
DSP1XM0
0
0
0
0
0
0
0
0
DSP1_XM_0 [23:16]
0000h
R1638401
(19_0001h)
DSP1XM1
DSP1_XM_0 [15:0]
0000h
R1638402
(19_0002h)
DSP1XM2
0
0
0
0
0
0
0
0
DSP1_XM_1 [23:16]
0000h
R1638403
(19_0003h)
DSP1XM3
DSP1_XM_1 [15:0]
0000h
(Similar for DSP1 X Data Memory 2 … 9214)
R1656830
(19_47FEh)
DSP1XM18430
0
0
0
0
0
0
0
0
DSP1_XM_9215 [23:16]
0000h
R1656831
(19_47FFh)
DSP1XM18431
DSP1_XM_9215 [15:0]
0000h
R1736704
(1A_8000h)
DSP1YM0
0
0
0
0
0
0
0
0
DSP1_YM_0 [23:16]
0000h
R1736705
(1A_8001h)
DSP1YM1
DSP1_YM_0 [15:0]
0000h
R1736706
(1A_8002h)
DSP1YM2
0
0
0
0
0
0
0
0
DSP1_YM_1 [23:16]
0000h
R1736707
(1A_8003h)
DSP1YM3
DSP1_YM_1 [15:0]
0000h
(Similar for DSP1 Y Data Memory 2 … 3070)
R1742846
(1A_97FEh)
DSP1YM6142
0
0
0
0
0
0
0
0
DSP1_YM_3071 [23:16]
0000h
R1742847
(1A_97FFh)
DSP1YM6143
DSP1_YM_3071 [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com