Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 305 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 305 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 301Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 302Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 306Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 307Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 308Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 309Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
305
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2880 (B40h) ISRC2DEC1MIX
Input 1 Source
ISRC2
DEC1
MIX_S
TS
0
0
0
0
0
0
0
ISRC2DEC1_SRC [7:0]
0000h
R2888 (B48h) ISRC2DEC2MIX
Input 1 Source
ISRC2
DEC2
MIX_S
TS
0
0
0
0
0
0
0
ISRC2DEC2_SRC [7:0]
0000h
R2912 (B60h) ISRC2INT1MIX
Input 1 Source
ISRC2I
NT1MI
X_STS
0
0
0
0
0
0
0
ISRC2INT1_SRC [7:0]
0000h
R2920 (B68h) ISRC2INT2MIX
Input 1 Source
ISRC2I
NT2MI
X_STS
0
0
0
0
0
0
0
ISRC2INT2_SRC [7:0]
0000h
R3072 (C00h) GPIO1 CTRL
GP1_
DIR
GP1_P
U
GP1_P
D
0
GP1_L
VL
GP1_P
OL
GP1_
OP_C
FG
GP1_
DB
0
GP1_FN [6:0]
A101h
R3073 (C01h) GPIO2 CTRL
GP2_
DIR
GP2_P
U
GP2_P
D
0
GP2_L
VL
GP2_P
OL
GP2_
OP_C
FG
GP2_
DB
0
GP2_FN [6:0]
A101h
R3074 (C02h) GPIO3 CTRL
GP3_
DIR
GP3_P
U
GP3_P
D
0
GP3_L
VL
GP3_P
OL
GP3_
OP_C
FG
GP3_
DB
0
GP3_FN [6:0]
A101h
R3075 (C03h) GPIO4 CTRL
GP4_
DIR
GP4_P
U
GP4_P
D
0
GP4_L
VL
GP4_P
OL
GP4_
OP_C
FG
GP4_
DB
0
GP4_FN [6:0]
A101h
R3076 (C04h) GPIO5 CTRL
GP5_
DIR
GP5_P
U
GP5_P
D
0
GP5_L
VL
GP5_P
OL
GP5_
OP_C
FG
GP5_
DB
0
GP5_FN [6:0]
A101h
R3087 (C0Fh) IRQ CTRL 1
0
0
0
0
0
IRQ_P
OL
IRQ_O
P_CF
G
0
0
0
0
0
0
0
0
0
0400h
R3088 (C10h) GPIO Debounce
Config
GP_DBTIME [3:0]
0
0
0
0
0
0
0
0
0
0
0
0
1000h
R3104 (C20h) Misc Pad Ctrl 1
LDO1
ENA_
PD
0
MCLK
2_PD
0
0
0
0
0
0
0
0
0
0
0
RESE
T_PU
0
8002h
R3105 (C21h) Misc Pad Ctrl 2
0
0
0
MCLK
1_PD
0
0
0
0
0
0
0
0
0
0
0
ADDR
_PD
0001h
R3106 (C22h) Misc Pad Ctrl 3
0
0
0
0
0
0
0
0
0
0
0
0
0
DMIC
DAT3_
PD
DMIC
DAT2_
PD
DMIC
DAT1_
PD
0000h
R3107 (C23h) Misc Pad Ctrl 4
0
0
0
0
0
0
0
0
0
0
AIF1L
RCLK_
PU
AIF1L
RCLK_
PD
AIF1B
CLK_P
U
AIF1B
CLK_P
D
AIF1R
XDAT_
PU
AIF1R
XDAT_
PD
0000h
R3108 (C24h) Misc Pad Ctrl 5
0
0
0
0
0
0
0
0
0
0
AIF2L
RCLK_
PU
AIF2L
RCLK_
PD
AIF2B
CLK_P
U
AIF2B
CLK_P
D
AIF2R
XDAT_
PU
AIF2R
XDAT_
PD
0000h
R3109 (C25h) Misc Pad Ctrl 6
0
0
0
0
0
0
0
0
0
0
AIF3L
RCLK_
PU
AIF3L
RCLK_
PD
AIF3B
CLK_P
U
AIF3B
CLK_P
D
AIF3R
XDAT_
PU
AIF3R
XDAT_
PD
0000h
R3328 (D00h) Interrupt Status 1
0
0
0
0
0
0
0
0
0
0
0
0
GP4_E
INT1
GP3_E
INT1
GP2_E
INT1
GP1_E
INT1
0000h
R3329 (D01h) Interrupt Status 2
0
0
0
0
0
0
0
DSP1_
RAM_
RDY_
EINT1
0
0
0
0
0
0
DSP_I
RQ2_
EINT1
DSP_I
RQ1_
EINT1
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com