Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 301 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 301 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 297Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 298Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 299Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 300Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 301Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 302Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 303Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 304Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 305Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
301
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2199 (897h) EQ3MIX Input 4
Volume
0
0
0
0
0
0
0
0
EQ3MIX_VOL4 [6:0]
0
0080h
R2200 (898h) EQ4MIX Input 1
Source
EQ4MI
X_STS
1
0
0
0
0
0
0
0
EQ4MIX_SRC1 [7:0]
0000h
R2201 (899h) EQ4MIX Input 1
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL1 [6:0]
0
0080h
R2202 (89Ah) EQ4MIX Input 2
Source
EQ4MI
X_STS
2
0
0
0
0
0
0
0
EQ4MIX_SRC2 [7:0]
0000h
R2203 (89Bh) EQ4MIX Input 2
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL2 [6:0]
0
0080h
R2204 (89Ch) EQ4MIX Input 3
Source
EQ4MI
X_STS
3
0
0
0
0
0
0
0
EQ4MIX_SRC3 [7:0]
0000h
R2205 (89Dh) EQ4MIX Input 3
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL3 [6:0]
0
0080h
R2206 (89Eh) EQ4MIX Input 4
Source
EQ4MI
X_STS
4
0
0
0
0
0
0
0
EQ4MIX_SRC4 [7:0]
0000h
R2207 (89Fh) EQ4MIX Input 4
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL4 [6:0]
0
0080h
R2240 (8C0h) DRC1LMIX Input 1
Source
DRC1
LMIX_
STS1
0
0
0
0
0
0
0
DRC1LMIX_SRC1 [7:0]
0000h
R2241 (8C1h) DRC1LMIX Input 1
Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL1 [6:0]
0
0080h
R2242 (8C2h) DRC1LMIX Input 2
Source
DRC1
LMIX_
STS2
0
0
0
0
0
0
0
DRC1LMIX_SRC2 [7:0]
0000h
R2243 (8C3h) DRC1LMIX Input 2
Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL2 [6:0]
0
0080h
R2244 (8C4h) DRC1LMIX Input 3
Source
DRC1
LMIX_
STS3
0
0
0
0
0
0
0
DRC1LMIX_SRC3 [7:0]
0000h
R2245 (8C5h) DRC1LMIX Input 3
Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL3 [6:0]
0
0080h
R2246 (8C6h) DRC1LMIX Input 4
Source
DRC1
LMIX_
STS4
0
0
0
0
0
0
0
DRC1LMIX_SRC4 [7:0]
0000h
R2247 (8C7h) DRC1LMIX Input 4
Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL4 [6:0]
0
0080h
R2248 (8C8h) DRC1RMIX Input 1
Source
DRC1
RMIX_
STS1
0
0
0
0
0
0
0
DRC1RMIX_SRC1 [7:0]
0000h
R2249 (8C9h) DRC1RMIX Input 1
Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL1 [6:0]
0
0080h
R2250 (8CAh) DRC1RMIX Input 2
Source
DRC1
RMIX_
STS2
0
0
0
0
0
0
0
DRC1RMIX_SRC2 [7:0]
0000h
R2251 (8CBh) DRC1RMIX Input 2
Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL2 [6:0]
0
0080h
R2252 (8CCh) DRC1RMIX Input 3
Source
DRC1
RMIX_
STS3
0
0
0
0
0
0
0
DRC1RMIX_SRC3 [7:0]
0000h
R2253 (8CDh) DRC1RMIX Input 3
Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL3 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com