Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 319 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 319 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 315Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 316Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 317Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 318Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 319Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 320Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 321Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 322Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 323Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
319
Figure 90 Speaker Equivalent Circuit for Filterless Operation
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
8
 loudspeakers typically have an inductance in the range 20H to 100H, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency). Care should be taken to ensure that
the cut-off frequency of the loudspeaker’s filtering is low enough to suppress the high frequency
energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D outputs of
the WM5102 operate at much higher frequencies than is recommended for most speakers and it must
be ensured that the cut-off frequency is low enough to protect the speaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com