Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 320 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 320 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 316Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 317Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 318Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 319Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 320Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 321Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 322Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 323Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 324Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
320
POWER SUPPLY / REFERENCE DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (‘spikes’) in the power supply voltage can cause malfunctions and unintentional
behavior in other components. A decoupling (‘bypass’) capacitor can be used as an energy storage
component which will provide power to the decoupled circuit for the duration of these power supply
variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail caused
by changes in the load current or by limitations of the power supply regulation method. In audio
components such as the WM5102, these variations can alter the performance of the signal path,
leading to degradation in signal quality. A decoupling capacitor can be used to filter these effects, by
presenting the ripple voltage with a low impedance path that does not affect the circuit to be
decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply and voltage reference decoupling capacitors for WM5102 are
detailed below in Table 128.
POWER SUPPLY
DECOUPLING CAPACITOR
LDOVDD, DBVDD1, DBVDD2, DBVDD3, AVDD
0.1
F ceramic (see Note)
CPVDD
4.7
F ceramic
MICVDD
4.7
F ceramic
DCVDD
4.7
F ceramic
SPKVDDL, SPKVDDR
4.7
F ceramic
VREFC
1.0
F ceramic
Table 128 Power Supply Decoupling Capacitors
Note: 0.1
F is required with 4.7F a guide to the total required power rail capacitance.
All decoupling capacitors should be placed as close as possible to the WM5102 device. The
connection between AGND, the AVDD decoupling capacitor and the main system ground should be
made at a single point as close as possible to the AGND balls of the WM5102.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com