Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 321 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 321 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 317Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 318Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 319Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 320Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 321Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 322Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 323Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 324Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 325Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
321
CHARGE PUMP COMPONENTS
The WM5102 incorporates two Charge Pump circuits, identified as CP1 and CP2.
CP1 generates the CP1VOUTP and CP1VOUTN supply rails for the ground-referenced headphone
drivers; CP2 generates the CP2VOUT supply rail for the microphone bias (MICBIAS) regulators.
Decoupling capacitors are required on each of the Charge Pump outputs. A fly-back capacitor is also
required for each Charge Pump.
The recommended Charge Pump capacitors for WM5102 are detailed below in Table 129.
DESCRIPTION
CAPACITOR
CP1VOUTP decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1VOUTN decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1 fly-back
(connect between CP1CA and CP1CB)
Required capacitance is 1.0
F at 2V.
Suitable component typically 2.2
F.
CP2VOUT decoupling
Required capacitance is 1.0
F at 3.6V.
Suitable component typically 4.7
F.
CP2 fly-back
(connect between CP2CA and CP2CB)
Required capacitance is 220nF at 2V.
Suitable component typically 470nF.
Table 129 Charge Pump External Capacitors
Ceramic capacitors are recommended for these Charge Pump requirements. Note that, due to the
wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the selected
components provide the required capacitance across the required temperature and voltage ranges in
the intended application. Ceramic capacitors with X5R dielectric are recommended.
The positioning of the Charge Pump capacitors is important, particularly the fly-back capacitors.
These capacitors should be placed as close as possible to the WM5102. The component choice and
positioning of the CP1 components are more critical than those of CP2, due to the higher output
power requirements of CP1.
EXTERNAL ACCESSORY DETECTION COMPONENTS
The external accessory detection circuit measures jack insertion using the JACKDET pin. The
insertion switch status is detected using an internal pull-up resistor circuit on the JACKDET pin.
Microphone detection and key-button press detection is supported using the MICDETn pins. The
applicable pin should be connected to one of the MICBIASn outputs, via a 2.2k
 current-limiting
resistor, as described in the “Microphone Bias Circuit” section. Note that, when using the External
Accessory Detection function, the MICBIASn resistor must be 2.2k
 +/-2%.
A recommended circuit configuration, including headphone output on HPOUT1 and microphone
connections, is shown in Figure 91. See “Analogue Input Paths” for details of the DC-blocking
microphone input capacitor selection.
The recommended external components and connections for microphone / push-button detection are
illustrated in Figure 92.
Note that, when using the Microphone Detect circuit, it is recommended to use one of the Right
channel analogue microphone input paths, to ensure best immunity to electrical transients arising from
the external accessory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com