Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 325 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 325 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 321Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 322Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 323Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 324Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 325Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 326Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 327Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 328Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 329Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
325
DIGITAL AUDIO INTERFACE CLOCKING CONFIGURATIONS
The digital audio interfaces (AIF1, AIF2, AIF3) can be configured in Master or Slave modes. In all
applications, it is important that the system clocking configuration is correctly designed. Incorrect clock
configurations will lead to audible clicks arising from dropped or repeated audio samples; this is
caused by the inherent tolerances of multiple asynchronous system clocks.
To ensure reliable clocking of the audio interface functions, it is a requirement that the external
interface clocks (eg. BCLK, LRCLK) are derived from the same clock source as SYSCLK (or
ASYNCCLK, where applicable).
In AIF Master mode, the external BCLK and LRCLK signals are generated by the WM5102 and
synchronisation of these signals with SYSCLK (or ASYNCCLK) is guaranteed. In this case, clocking of
the AIF is typically derived from the MCLK1 or MCLK2 inputs, either directly or via one of the
Frequency Locked Loop (FLL) circuits. It is also possible to use a different interface (AIFn or
SLIMbus) to provide the reference clock to which the AIF Master can be synchronised.
In AIF Slave mode, the external BCLK and LRCLK signals are generated by another device, as inputs
to the WM5102. In this case, it must be ensured that the applicable system clock (SYSCLK or
ASYNCCLK) is generated from a source that is synchronised to the external BCLK and LRCLK inputs.
In a typical Slave mode application, the BCLK input is selected as the clock reference, using the FLL
to perform frequency shifting. It is also possible to use the MCLK1 or MCLK2 inputs, but only if the
selected clock is synchronised externally to the BCLK and LRCLK inputs. The SLIMbus interface can
also provide the clock reference, via one of the FLLs, provided that the BCLK and LRCLK signals are
externally synchronised with the SLIMCLK input.
The valid AIF clocking configurations are listed in Table 131 for AIF Master and AIF Slave modes.
The applicable system clock (SYSCLK or ASYNCCLK) depends on the AIFn_RATE setting for the
relevant digital audio interface; if AIFn_RATE < 1000, then SYSCLK is applicable; if
AIFn_RATE ≥ 1000, then ASYNCCLK is applicable.
AIF MODE
CLOCKING CONFIGURATION
AIF Master Mode
SYSCLK_SRC (ASYNCCLK_SRC) selects MCLK1 or MCLK2 as SYSCLK
(ASYNCCLK) source.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects MCLK1 or MCLK2 as FLLn source.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects a different interface (BCLK, LRCLK,
SLIMCLK) as FLLn source.
AIF Slave Mode
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects BCLK as FLLn source.
SYSCLK_SRC (ASYNCCLK_SRC) selects MCLK1 or MCLK2 as SYSCLK
(ASYNCCLK) source, provided MCLK is externally synchronised to the BCLK
input.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects MCLK1 or MCLK2 as FLLn source,
provided MCLK is externally synchronised to the BCLK input.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects a different interface (eg. SLIMCLK) as
FLLn source, provided the other interface is externally synchronised to the
BCLK input.
Table 131 Audio Interface (AIF) Clocking Confgurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com