| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 324 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 324 Page - Wolfson Microelectronics plc |
|
324 / 334 page ![]() WM5102 Production Data w PD, June 2014, Rev 4.2 324 RESETS SUMMARY The contents of Table 130 provide a summary of the WM5102 registers and other programmable memory under different reset conditions. The associated events and conditions are listed below. A Power-On Reset occurs when AVDD or DBVDD1 is below its respective reset threshold. (Note that DCVDD is also required for initial start-up; subsequent interruption to DCVDD should only be permitted as part of a control sequence for entering Sleep mode.) A Hardware Reset occurs when the RESET ¯¯¯¯¯¯ input is asserted (logic 0). A Software Reset occurs when register R0 is written to. Sleep Mode is selected when LDO1 is disabled. (LDO1 can be controlled using the LDO1_ENA register bit, or using the LDOENA pin; both of these controls must be de- asserted to disable the LDO.) Note that the AVDD, DBVDD1 and LDOVDD supplies must be present, and the LDOENA pin held low. It is assumed that DCVDD is supplied by LDO1. ALWAYS-ON REGISTERS OTHER REGISTERS CONTROL SEQUENCER MEMORY DSP FIRMWARE MEMORY Power-On Reset (AVDD) Reset Reset Retained Retained Power-On Reset (DBVDD1) Reset Reset Retained Retained Power-On Reset (DCVDD) Reset Reset Reset Reset Hardware Reset Reset Reset Retained (see note) Retained (see note) Software Reset Reset Reset Retained (see note) Retained (see note) Sleep Mode Retained Reset Retained Reset Table 130 Memory Reset Summary See “Low Power Sleep Configuration” for details of the ‘Always-On’ registers. Note that, to retain the Control Write Sequencer memory and DSP firmware memory contents during Hardware Reset or Software Reset, it must be ensured that DCVDD is held above its reset threshold. If DCVDD is powered from internal LDO, then it is recommended to assert the LDOENA pin before the Reset, in order to maintain the DCVDD supply. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |