Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 297 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 297 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 293Page - Microchip Technology LAN9250 Datasheet HTML 294Page - Microchip Technology LAN9250 Datasheet HTML 295Page - Microchip Technology LAN9250 Datasheet HTML 296Page - Microchip Technology LAN9250 Datasheet HTML 297Page - Microchip Technology LAN9250 Datasheet HTML 298Page - Microchip Technology LAN9250 Datasheet HTML 299Page - Microchip Technology LAN9250 Datasheet HTML 300Page - Microchip Technology LAN9250 Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 297
LAN9250
13.5.2
EEPROM DATA REGISTER (E2P_DATA)
This read/write register is used in conjunction with the EEPROM Command Register (E2P_CMD) to perform read and
write operations with the serial EEPROM.
17
EEPROM Controller Timeout (EPC_TIMEOUT)
This bit is set when a timeout occurs, indicating the last operation was unsuc-
cessful. If an EEPROM WRITE operation is performed and no response is
received from the EEPROM within 30 ms, the EEPROM controller will time-
out and return to its idle state.
This bit is also set if the EEPROM fails to respond with the appropriate ACKs,
if the EEPROM slave device holds the clock low for more than 30 ms, if the
I2C bus is not acquired within 1.92 seconds , or if an unsupported
EPC_COMMAND is attempted.
This bit is cleared when written high.
R/WC
0b
16
Configuration Loaded (CFG_LOADED)
When set, this bit indicates that a valid EEPROM was found and the
EEPROM Loader completed normally. This bit is set upon a successful load.
It is cleared on power-up, pin and DIGITAL_RST resets, Host MAC Reset
(HMAC_RESET), or at the start of a RELOAD.
This bit is cleared when written high.
R/WC
0b
15:0
EEPROM Controller Address (EPC_ADDRESS)
This field is used by the EEPROM Controller to address a specific memory
location in the serial EEPROM. This address must be byte aligned.
R/W
0000h
Offset:
1B8h
Size:
32 bits
Bits
Description
Type
Default
31:8
RESERVED
RO
-
7:0
EEPROM Data (EEPROM_DATA)
This field contains the data read from or written to the EEPROM.
R/W
00h
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com